Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073MBI3 Datasheet(PDF) 33 Page - STMicroelectronics

No. de pieza STM32U073MBI3
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073MBI3 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STM32U073MBI3 Datasheet HTML 29Page - STMicroelectronics STM32U073MBI3 Datasheet HTML 30Page - STMicroelectronics STM32U073MBI3 Datasheet HTML 31Page - STMicroelectronics STM32U073MBI3 Datasheet HTML 32Page - STMicroelectronics STM32U073MBI3 Datasheet HTML 33Page - STMicroelectronics STM32U073MBI3 Datasheet HTML 34Page - STMicroelectronics STM32U073MBI3 Datasheet HTML 35Page - STMicroelectronics STM32U073MBI3 Datasheet HTML 36Page - STMicroelectronics STM32U073MBI3 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 146 page
background image
Pin Number
Pin name (function
after reset)
Note
Alternate functions
Additional functions
10
G10
14
14
20
H3
23
J3
PA4
I/O
TT_la
SPI1_NSS, SPI3_NSS, USART2_CK, LPUART3_TX,
LCD_SEG43, LPTIM2_CH1, EVENTOUT
COMP1_INM4,
COMP2_INM5,
ADC1_IN8, DAC1_OUT1
11
E4
15
15
21
F4
24
H3
PA5
I/O
FT_la
TIM2_CH1, TIM2_ETR, SPI1_SCK, USART3_TX,
LPUART3_RX, LCD_SEG44, LPTIM2_ETR,
EVENTOUT
COMP1_INM4,
COMP2_INM5,
ADC1_IN9
12
G8
16
16
22
G4
25
J4
PA6
I/O
FT_fla
TIM1_BKIN, TIM3_CH1, I2C2_SDA, I2C3_SDA,
SPI1_MISO, COMP1_OUT, USART3_CTS,
LPUART1_CTS, TSC_G5_IO1, LCD_SEG3,
TIM16_CH1, EVENTOUT
ADC1_IN10
13
F7
17
17
23
H4
26
H4
PA7
I/O
FT_fla
TIM1_CH1N, TIM3_CH2, I2C2_SCL, I2C3_SCL,
SPI1_MOSI, USART3_RX, LCD_SEG4,
COMP2_OUT, LPTIM2_CH2, EVENTOUT
ADC1_IN14
-
-
-
-
24
H5
27
J5
PC4
I/O
FT_la
USART3_TX, LPUART3_TX, LCD_SEG22,
EVENTOUT
COMP1_INM1,
ADC1_IN15
-
-
-
-
25
H6
28
G4
PC5
I/O
FT_la
LPTIM3_CH3, USART3_RX, LPUART3_RX,
LCD_SEG23, EVENTOUT
COMP1_INP1,
ADC1_IN16, WKUP5,
TAMP_IN4
14
F5
18
18
26
F5
29
F5
PB0
I/O
FT_la
TIM1_CH2N, TIM3_CH3, LPTIM3_CH1, SPI1_NSS,
USART3_CK, LPUART2_CTS, TSC_G5_IO2,
LCD_SEG5, COMP1_OUT, EVENTOUT
ADC1_IN17
15
F3
19
19
27
G5
30
H5
PB1
I/O
FT_la
TIM1_CH3N, TIM3_CH4, LPTIM3_CH2,
USART3_RTS/USART3_DE, LPUART1_RTS_DE,
TSC_SYNC, LPUART2_RTS_DE, LCD_SEG6,
LPTIM2_IN1, EVENTOUT
COMP1_INM2,
ADC1_IN18
-
G6
20
20
28
G6
31
J6
PB2
I/O
FT_la
RTC_OUT2, LPTIM1_CH1, LCD_VLCD, EVENTOUT
COMP1_INP2,
RTC_OUT2
-
-
-
-
-
-
32
G5
PE7
I/O
FT_l
TIM1_ETR, LCD_SEG45, EVENTOUT
-
-
-
-
-
-
-
33
G6
PE8
I/O
FT_l
TIM1_CH1N, LCD_SEG46, EVENTOUT
-
-
-
-
-
-
-
34
H6
PE9
I/O
FT_l
TIM1_CH1, LPTIM1_CH3, LCD_SEG47,
EVENTOUT
-
-
G4
21
21
29
G7
35
J7
PB10
I/O
FT_fl
TIM2_CH3, LPTIM3_CH1, I2C4_SCL, I2C2_SCL,
SPI2_SCK, USART3_TX, LPUART1_RX,
TSC_G5_IO3, LPUART2_RX, LCD_SEG10,
COMP1_OUT, EVENTOUT
-
-
-
22
22
30
H7
36
H7
PB11
I/O
FT_fl
TIM2_CH4, I2C4_SDA, I2C2_SDA, USART3_RX,
LPUART1_TX, TSC_G5_IO4, LPUART2_TX,
LCD_SEG11, COMP2_OUT, EVENTOUT
-
16
F1
23
23
31
D6
37
D4
VSS
S
-
-
-
17
G2
24
24
32
E6
38
D3
VDD
S
-
-
-
-
-
25
25
33
H8
39
J8
PB12
I/O
FT_l
TIM1_BKIN, SPI2_NSS, USART3_CK,
LPUART1_RTS_DE, TSC_G1_IO1, LCD_SEG12,
TIM15_BKIN, EVENTOUT
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More