Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073CBU6 Datasheet(PDF) 65 Page - STMicroelectronics

No. de pieza STM32U073CBU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073CBU6 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM32U073CBU6 Datasheet HTML 61Page - STMicroelectronics STM32U073CBU6 Datasheet HTML 62Page - STMicroelectronics STM32U073CBU6 Datasheet HTML 63Page - STMicroelectronics STM32U073CBU6 Datasheet HTML 64Page - STMicroelectronics STM32U073CBU6 Datasheet HTML 65Page - STMicroelectronics STM32U073CBU6 Datasheet HTML 66Page - STMicroelectronics STM32U073CBU6 Datasheet HTML 67Page - STMicroelectronics STM32U073CBU6 Datasheet HTML 68Page - STMicroelectronics STM32U073CBU6 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 146 page
background image
Table 43. Current consumption in VBAT mode
Symbol
Parameter
Conditions
TYP
MAX
Unit
-
-
VBAT 25 °C 55 °C 85 °C 105 °C 125 °C 30 °C 55 °C 85 °C 105 °C 130 °C
IDD (VBAT) Supply current in VBAT mode
RTC disabled
-
1.8 V
9.00
22.5
190
700
2600
25.5
56.5
470
1750
6550
nA
2.4 V
10.5
36.5
230
815
2950
27.5
91.5
570
2050
7450
3.0 V
13
44
270
945
3350
33.5
110
675
2350
8450
3.3 V
13
47.5
295
100
3600
33.5
120
735
2550
9000
3.6 V
15.5
56
330
110
3850
40.5
140
820
2800
9650
RTC clocked by LSE, bypassed at
32768 Hz
-
1.8 V
53
73.5
200
535
1550
13.5
185
505
1350
3900
2.4 V
86
110
260
645
1800
21.5
275
655
1600
4550
3.0 V
120
150
330
775
2100
305
380
820
1950
5300
3.3 V
140
175
370
860
2300
355
440
930
2150
5750
3.6 V
165
205
430
960
2500
415
520
1050
2400
6300
RTC clocked by LSE quartz in low-
drive mode
LPCAL = 0
1.8 V
130
190
380
905
2900
320
475
950
2250
7200
2.4 V
165
215
435
100
3250
415
545
1100
2550
8100
3.0 V
205
250
500
115
3650
510
625
1250
2950
9150
3.3 V
220
270
540
125
3900
550
675
1350
3150
9750
3.6 V
240
300
595
1350
4200
605
745
1500
3450
10500
LPCAL = 1
1.8 V
130
355
545
905
2900
320
885
1350
2250
7200
2.4 V
300
445
665
100
3250
750
1100 1650
2550
8100
3.0 V
505
555
810
115
3650
1250 1400 2050
2950
9150
3.3 V
565
620
895
125
3900
1400 1550 2250
3150
9800
3.6 V
630
690
995
1350
4200
1550 1750 2500
3450
10500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com