Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073CBU6 Datasheet(PDF) 79 Page - STMicroelectronics

No. de pieza STM32U073CBU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073CBU6 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STM32U073CBU6 Datasheet HTML 75Page - STMicroelectronics STM32U073CBU6 Datasheet HTML 76Page - STMicroelectronics STM32U073CBU6 Datasheet HTML 77Page - STMicroelectronics STM32U073CBU6 Datasheet HTML 78Page - STMicroelectronics STM32U073CBU6 Datasheet HTML 79Page - STMicroelectronics STM32U073CBU6 Datasheet HTML 80Page - STMicroelectronics STM32U073CBU6 Datasheet HTML 81Page - STMicroelectronics STM32U073CBU6 Datasheet HTML 82Page - STMicroelectronics STM32U073CBU6 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 146 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DPLL_IN
PLL input clock duty cycle
-
45
-
55
%
fPLL_P_OUT
PLL multiplier output clock P
Voltage scaling Range 1
3.09
-
122
MHz
Voltage scaling Range 2
3.09
-
40
fPLL_Q_OUT
PLL multiplier output clock Q
Voltage scaling Range 1
12
-
128
MHz
Voltage scaling Range 2
12
-
33
fPLL_R_OUT
PLL multiplier output clock R
Voltage scaling Range 1
12
-
64
MHz
Voltage scaling Range 2
12
-
16
fVCO_OUT
PLL VCO output
Voltage scaling Range 1
96
-
344
MHz
Voltage scaling Range 2
96
-
128
tLOCK
PLL lock time
-
-
15
40
μs
Jitter
RMS cycle-to-cycle jitter
System clock 56 MHz
-
50
-
±ps
RMS period jitter
-
40
-
IDD(PLL)
PLL power consumption on VDDnot found
VCO freq = 96 MHz
-
200
260
μA
VCO freq = 192 MHz
-
300
380
VCO freq = 344 MHz
-
520
650
1. Make sure to use the appropriate division factor M to obtain the specified PLL input clock values.
6.3.10
Flash memory characteristics
Table 57. Flash memory characteristics
Specified by design, not tested in production.
Symbol
Parameter
Conditions
Typ
Max
Unit
tprog
64
‑bit programming time
-
85
125
µs
Burst mode
48
48
tprog_row
Row (32 double word) programming time
Normal programming
2.7
4.6
ms
Fast programming
1.7
2.8
tprog_page
Page (2 Kbytes) programming time
Normal programming
21.8
36.6
Fast programming
13.7
22.4
tERASE
Page (2 Kbytes) erase time
-
22.0
40.0
tprog_bank
One 256-Kbyte bank programming time(1)
Normal programming
1.4
2.4
s
Fast programming
0.9
1.5
tME
Mass erase time
-
22.1
40.1
ms
IDD(Flash A)
Average consumption from VDD
Programming
3
-
mA
Page erase
3
-
Mass erase
5
IDD(Flash P)
Maximum current (peak)
Programming, 2 μs peak duration
7
-
Erase, 41 μs peak duration
7
-
1. The values provided also apply to devices with less flash memory than one 256-Kbyte bank.
STM32U073x8/B/C
Electrical characteristics
DS14548 - Rev 2
page 79/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com