Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073CBU6 Datasheet(PDF) 100 Page - STMicroelectronics

No. de pieza STM32U073CBU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073CBU6 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STM32U073CBU6 Datasheet HTML 96Page - STMicroelectronics STM32U073CBU6 Datasheet HTML 97Page - STMicroelectronics STM32U073CBU6 Datasheet HTML 98Page - STMicroelectronics STM32U073CBU6 Datasheet HTML 99Page - STMicroelectronics STM32U073CBU6 Datasheet HTML 100Page - STMicroelectronics STM32U073CBU6 Datasheet HTML 101Page - STMicroelectronics STM32U073CBU6 Datasheet HTML 102Page - STMicroelectronics STM32U073CBU6 Datasheet HTML 103Page - STMicroelectronics STM32U073CBU6 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 146 page
background image
6.3.24
Operational amplifiers characteristics
Table 80. OPAMP characteristics
Evaluated by characterization, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage(1)
-
1.8
-
3.6
V
CMIR
Common mode input range
-
0
-
VDDA
V
VIOFFSET
Input offset voltage
25 °C, No Load on output.
-
-
±1.5
mV
All voltage/temperature
-
-
±3
∆VIOFFSET
Input offset voltage drift
Normal mode
-
±5
-
μV/°C
Low-power mode
-
±10
-
TRIMOFFSETP
TRIMLPOFFSETP
Offset trim step at low common
input voltage (0.1 ₓ VDDA)
-
-
0.8
1.1
mV
TRIMOFFSETN
TRIMLPOFFSETN
Offset trim step at high common
input voltage (0.9 ₓ VDDA)
-
-
1
1.35
ILOAD
Drive current
Normal mode
VDDA ≥ 2 V
-
-
500
µA
Low-power
mode
-
-
100
ILOAD_PGA
Drive current in PGA mode
Normal mode
VDDA ≥ 2 V
-
-
450
Low-power
mode
-
-
50
RLOAD
Resistive load
(connected to VSSA or to
VDDA)
Normal mode
VDDA < 2 V
4
-
-
kΩ
Low-power
mode
20
-
-
RLOAD_PGA
Resistive load in PGA mode
(connected to VSSA or to
VDDA)
Normal mode
VDDA < 2 V
4.5
-
-
Low-power
mode
40
-
-
CLOAD
Capacitive load
-
-
-
50
pF
CMRR
Common mode rejection ratio
Normal mode
-
-85
-
dB
Low-power mode
-
-90
-
PSRR
Power supply rejection ratio
Normal mode
CLOAD ≤ 50 pf,
RLOAD ≥ 4 kΩ DC
70
85
-
dB
Low-power
mode
CLOAD ≤ 50 pf,
RLOAD ≥ 20 kΩ DC
72
90
-
GBW
Gain Bandwidth Product
Normal mode
VDDA ≥ 2.4 V
(OPA_RANGE = 1)
550
1600
2200
kHz
Low-power
mode
100
420
600
Normal mode
VDDA < 2.4 V
(OPA_RANGE = 0)
250
700
950
Low-power
mode
40
180
280
SR(2)
Slew rate
(from 10 and 90% of output
voltage)
Normal mode
VDDA ≥ 2.4 V
-
700
-
V/ms
Low-power
mode
-
180
-
Normal mode
VDDA < 2.4 V
-
300
-
Low-power
mode
-
80
-
AO
Open loop gain
Normal mode
55
110
-
dB
STM32U073x8/B/C
Electrical characteristics
DS14548 - Rev 2
page 100/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com