Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073HCU6 Datasheet(PDF) 59 Page - STMicroelectronics

No. de pieza STM32U073HCU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073HCU6 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM32U073HCU6 Datasheet HTML 55Page - STMicroelectronics STM32U073HCU6 Datasheet HTML 56Page - STMicroelectronics STM32U073HCU6 Datasheet HTML 57Page - STMicroelectronics STM32U073HCU6 Datasheet HTML 58Page - STMicroelectronics STM32U073HCU6 Datasheet HTML 59Page - STMicroelectronics STM32U073HCU6 Datasheet HTML 60Page - STMicroelectronics STM32U073HCU6 Datasheet HTML 61Page - STMicroelectronics STM32U073HCU6 Datasheet HTML 62Page - STMicroelectronics STM32U073HCU6 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 146 page
background image
Symbol
Parameter
Conditions
Typ
Max
Unit
-
-
VDD 25 °C 55 °C 85 °C 105 °C
125
°C
30 °C 55 °C 85 °C
105
°C
130 °C
IDD (Stop 1)
Supply current in Stop 1 mode,
RTC disabled
LCD enabled, clocked by LSI
EN_ULP = 0
1.8 V
μA
3.50
11.0
39.5
92.0
200
9.00
29.0
100
230
500
2.4 V 3.60
11.0
39.5
92.0
210
9.00
29.0
100
230
525
3.0 V 3.70
11.0
40.0
93.0
210
9.00
29.0
100
230
530
3.3 V 3.80
11.5
40.5
93.5
215
10.0
29.0
100
235
535
3.6 V 3.90
11.5
40.5
94.5
215
10.0
30.0
100
235
535
Supply current in Stop 1 mode,
RTC enabled
RTC clocked by LSI
EN_ULP = 0
LPCAL = 1
1.8 V 3.60
11.0
40.0
92.0
195
9.00
29.0
100
230
495
2.4 V 3.70
11.0
40.0
92.0
210
9.00
29.0
100
230
520
3.0 V 3.90
11.5
40.0
93.0
210
10.0
29.0
100
230
530
3.3 V 3.90
11.5
40.5
93.5
215
10.0
30.0
100
235
535
3.6 V 4.10
11.5
41.0
94.5
215
10.0
30.0
100
235
535
RTC clocked by LSE,
bypassed at 32768 Hz, LCD
disabled
EN_ULP = 0
LPCAL = 1
1.8 V 3.40
11.0
39.5
92.5
195
9.00
27.5
100
230
485
2.4 V 3.40
11.0
39.5
91.5
210
9.00
27.5
100
230
525
3.0 V 3.50
11.0
39.5
93.5
215
9.00
27.5
100
235
535
3.3 V 3.50
11.0
39.5
93.0
215
9.00
29.0
100
235
535
3.6 V 3.55
11.0
40.0
94.0
215
9.10
29.0
100
235
540
EN_ULP = 0
LPCAL = 0
1.8 V 3.50
11.0
39.5
92.5
195
9.00
29.0
100
230
485
2.4 V 3.60
11.0
39.5
92.0
210
9.00
29.0
100
230
530
3.0 V 3.80
11.0
40.0
93.0
215
10.0
29.0
100
230
535
3.3 V 3.80
11.5
40.0
93.5
215
10.0
29.0
100
235
535
3.6 V 4.00
11.5
40.5
94.5
215
10.0
30.0
101
235
540
RTC clocked by LSE quartz in
low-drive mode, LCD disabled
EN_ULP = 0
LPCAL = 0
1.8 V 3.40
11.0
39.5
92.0
190
9.00
29.0
100
230
4800
2.4 V 3.70
11.0
39.5
92.5
210
9.00
29.0
100
230
5300
3.0 V 3.80
11.5
40.0
93.0
215
10.0
29.0
100
230
5350
3.3 V 3.90
11.5
40.5
93.5
215
10.0
29.0
100
235
5350
3.6 V 4.05
11.5
41.0
94.5
215
10.0
30.0
100
235
5400
EN_ULP = 0
LPCAL = 1
1.8 V 3.30
11.0
39.5
92.0
195
8.00
27.5
100
230
4850
2.4 V 3.40
11.0
39.5
92.0
210
9.00
27.5
100
230
5250
3.0 V 3.40
11.0
39.5
93.5
215
9.00
27.5
100
235
5350
3.3 V 3.50
11.0
40.0
93.5
215
9.00
29.0
100
235
5350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com