Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073HCU6 Datasheet(PDF) 61 Page - STMicroelectronics

No. de pieza STM32U073HCU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073HCU6 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM32U073HCU6 Datasheet HTML 57Page - STMicroelectronics STM32U073HCU6 Datasheet HTML 58Page - STMicroelectronics STM32U073HCU6 Datasheet HTML 59Page - STMicroelectronics STM32U073HCU6 Datasheet HTML 60Page - STMicroelectronics STM32U073HCU6 Datasheet HTML 61Page - STMicroelectronics STM32U073HCU6 Datasheet HTML 62Page - STMicroelectronics STM32U073HCU6 Datasheet HTML 63Page - STMicroelectronics STM32U073HCU6 Datasheet HTML 64Page - STMicroelectronics STM32U073HCU6 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 146 page
background image
Symbol
Parameter
Conditions
Typ
Max
Unit
-
-
VDD 25 °C 55 °C 85 °C 105 °C 125 °C 30 °C 55 °C 85 °C 105 °C 130 °C
IDD (Stop 2)
Supply current in Stop 2
mode, RTC disabled
LCD enabled, clocked by
LSI
EN_ULP = 0
3.3 V
nA
1250 2800
9700
23500 56500 3100 6950 24500 58500 140000
3.6 V 1300 2850
9950
24000 58000 3250 7200 25000 60000 145000
Supply current in Stop 2
mode, RTC enabled
RTC clocked by LSI, LCD
disabled
EN_ULP = 0
LPCAL = 1
1.8 V 1100 2600
9150
22000 52500 2750 6500 23000 55000 130000
2.4 V 1200 2700
9400
22500 54000 3000 6800 23500 56500 135000
3.0 V 1300 2850
9700
23000 55500 3300 7150 24000 58000 140000
3.3 V 1400 2950
9850
23500 56500 3500 7350 24500 59000 140000
3.6 V 1450 3050 10000 24000 58000 3650 7650 25500 60000 145000
RTC clocked by LSE ,
bypassed at 32768 Hz, LCD
disabled
EN_ULP = 0
LPCAL = 1
1.8 V
830
2350
9000
22000 53000 2550 5850 22500 55000 130000
2.4 V
870
2400
9200
22500 54500 2600 6000 23000 56500 135000
3.0 V
935
2450
9400
23000 56500 2650 6200 23500 58000 140000
3.3 V
955
2550
9600
23500 57000 2700 6300 24000 59000 145000
3.6 V
995
2600
9800
24000 58500 2750 6550 24500 60000 145000
EN_ULP = 0
LPCAL = 0
1.8 V
985
2500
9050
22000 53000 2450 6250 22500 55500 130000
2.4 V 1100 2600
9350
22500 54500 2750 6550 23500 56500 135000
3.0 V 1250 2750
9650
23000 56500 3100 6950 24000 58000 140000
3.3 V 1300 2850
9850
23500 57500 3250 7150 24500 59000 145000
3.6 V 1400 3000 10000 24000 58500 3500 7500 25000 60500 145000
RTC clocked by LSE quartz
in low-drive mode, LCD
disabled
EN_ULP = 0
LPCAL = 0
1.8 V
840
2550
9850
22500 54500 2100 6450 24500 57000 135000
2.4 V 1100 2750 10000 23500 57000 2800 6900 25500 59000 140000
3.0 V 1250 3000 11000 24500 59000 3100 7500 27000 61000 150000
3.3 V 1300 3150 11000 25000 60500 3300 7850 28000 62000 150000
3.6 V 1400 3350 11500 25500 61500 3550 8400 28500 63500 155000
EN_ULP = 0
LPCAL = 1
1.8 V
890
2400
9000
22000 52500 2200 6050 22500 54500 130000
2.4 V
945
2450
9200
22500 54000 2350 6150 23000 56000 135000
3.0 V
985
2500
9400
23000 56000 2450 6300 23500 57500 140000
3.3 V 1000 2550
9550
23000 56500 2550 6450 24000 58000 140000
3.6 V 1050 2650
9750
24000 57500 2650 6600 24500 59500 145000
EN_ULP = 1
LPCAL = 1
1.8 V
825
2400
9700
22500 54000 2050 6050 24000 56500 135000
2.4 V
885
2500 10000 23000 56000 2200 6300 25000 58000 140000
3.0 V
940
2700 10500 24000 58500 2350 6750 26000 60000 145000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com