Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073HCU6 Datasheet(PDF) 25 Page - STMicroelectronics

No. de pieza STM32U073HCU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073HCU6 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM32U073HCU6 Datasheet HTML 21Page - STMicroelectronics STM32U073HCU6 Datasheet HTML 22Page - STMicroelectronics STM32U073HCU6 Datasheet HTML 23Page - STMicroelectronics STM32U073HCU6 Datasheet HTML 24Page - STMicroelectronics STM32U073HCU6 Datasheet HTML 25Page - STMicroelectronics STM32U073HCU6 Datasheet HTML 26Page - STMicroelectronics STM32U073HCU6 Datasheet HTML 27Page - STMicroelectronics STM32U073HCU6 Datasheet HTML 28Page - STMicroelectronics STM32U073HCU6 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 146 page
background image
USART modes/ features
USART1
USART2
USART3
USART4
Hardware flow control for modem
X
X
Continuous communication using DMA
X
X
Multiprocessor communication
X
X
Synchronous SPI mode (master/slave)
X
X
Smartcard mode
X
-
Single-wire half-duplex communication
X
X
IrDA SIR ENDEC block
X
-
LIN mode
X
-
Dual clock domain and wake-up from
Stop mode
X
-
Receiver timeout interrupt
X
-
Modbus communication
X
-
Auto baud rate detection
X
-
Driver enable
X
X
3.28
Low-power universal asynchronous receiver transmitter (LPUART)
The devices embed three LPUARTs. The peripherals support asynchronous serial communication with minimum
power consumption, as well as half-duplex single wire communication and modem operations (CTS/RTS). They
allow multiprocessor communication.
The LPUARTs have a clock domain independent of the CPU clock, and can wake up the system from Stop mode
using baud rates up to 220 Kbaud. The Stop mode wake-up events are programmable and can be:
•
Start bit detection
•
Any received data frame
•
A specific programmed data frame
Only a 32.768 kHz clock (LSE) is needed to allow LPUART communication up to 9600 baud. Therefore, even in
Stop mode, the LPUARTs can wait for an incoming frame while having an extremely low energy consumption. To
reach higher baud rates, a higher speed clock can be used.
The LPUART interface can be served by the DMA controller.
3.29
Serial peripheral interface (SPI)
The devices contain three SPIs running at up to 32 Mbits/s in master and slave modes. It supports half-duplex,
full-duplex and simplex communications. A 3-bit prescaler gives eight master mode frequencies. The frame size is
configurable from 4 bits to 16 bits. The SPI peripherals support NSS pulse mode, TI mode and hardware CRC
calculation.
The SPI peripherals can be served by the DMA controller.
Table 10. SPI implementation
X: supported
SPI modes/ features
SPI1
SPI2
SPI3
Hardware CRC calculation
X
X
X
Rx/Tx FIFO
X
X
X
NSS pulse mode
X
X
X
I2S mode
-
-
-
TI mode
X
X
X
STM32U073x8/B/C
Functional overview
DS14548 - Rev 2
page 25/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com