Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073HBI6 Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza STM32U073HBI6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073HBI6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STM32U073HBI6 Datasheet HTML 2Page - STMicroelectronics STM32U073HBI6 Datasheet HTML 3Page - STMicroelectronics STM32U073HBI6 Datasheet HTML 4Page - STMicroelectronics STM32U073HBI6 Datasheet HTML 5Page - STMicroelectronics STM32U073HBI6 Datasheet HTML 6Page - STMicroelectronics STM32U073HBI6 Datasheet HTML 7Page - STMicroelectronics STM32U073HBI6 Datasheet HTML 8Page - STMicroelectronics STM32U073HBI6 Datasheet HTML 9Page - STMicroelectronics STM32U073HBI6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 146 page
background image
Figure 1. Block diagram
RNG
GPIOs
USART3/4
USART1/2
LPTIMER 1/2
Power domain of analog blocks :
4 channels
BKIN, BKIN2, ETR
System and
peripheral
clocks
PAx
PBx
PCx
MOSI
MISO
SCK
NSS
SWCLK
SWDIO
16x IN
OSC_IN
OSC_OUT
VBAT
OSC32_IN
OSC32_OUT
RTC_OUT
RTC_REFIN
RTC_TS
HSI16
LSI
PLLPCLK
VDD
IR_OUT
1 channel
BKIN
ETR, IN, OUT
4 channels
ETR
4 channels
ETR
CPU
CORTEX-M0+
fmax = 56 MHz
SWD
NVIC
EXTI
SPI1, 2 & 3
AHB-to-APB
RCC
Reset & clock control
I/F
XTAL OSC
4-48 MHz
IWDG
I/F
ADC
RTC, TAMP
Backup regs
I/F
RC 32 kHz
PLL
XTAL32 kHz
I/F
2 channels
BKIN
RX, TX
CTS, RTS, CK
RX, TX
CTS, RTS, CK
TIM6
TIM7
COMP1
COMP2
IN+, IN-,
OUT
Port D
Port C
Port B
Port A
SUPPLY
SUPERVISION
POWER
VCORE
POR
Reset
Int
VDDUSB,
VDD, VDDA,
VSS, VSSA
NRST
PVD
POR/BOR
Voltage
regulator
USART3 & 4
USART1 & 2
LPTIM1, 2 & 3
TIM16
TIM15
TIM3
TIM2 (32-bit)
TIM1
IOPORT
HSE
PLLQCLK
PLLRCLK
LSE
LSE
T sensor
RX, TX,
CTS, RTS
LPUART1, 2 & 3
TAMP_IN
VREFBUF
DAC
I/F
DAC_OUT1
CRC
VREF+
SCL, SDA
I2C1, 2, 3 & 4
DBGMCU
WWDG
PWRCTRL
SYSCFG
DMA1&2
DMAMUX
PDx
VDDA
VDDIO1
Low-voltage
detector
VDD
Parity
Flash memory
Up to 256 KB
IRTIM
from peripherals
SRAM1 8 KB
SRAM2 32 KB
MSI
RC 48 MHz
RC 16 MHz
HSI48
MSI
Port F
PFx
USB
DP
DM
NOE
VBAT
VDD
VDDA
VDDIO1
VDDUSB
CRS_SYNC
CRS
Port E
PEx
OPAMP1
VOUT, VINM, VINP
STM32U073x8/B/C
Description
DS14548 - Rev 2
page 6/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com