Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073HBI6 Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza STM32U073HBI6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073HBI6 Datasheet(HTML) 2 Page - STMicroelectronics

  STM32U073HBI6 Datasheet HTML 1Page - STMicroelectronics STM32U073HBI6 Datasheet HTML 2Page - STMicroelectronics STM32U073HBI6 Datasheet HTML 3Page - STMicroelectronics STM32U073HBI6 Datasheet HTML 4Page - STMicroelectronics STM32U073HBI6 Datasheet HTML 5Page - STMicroelectronics STM32U073HBI6 Datasheet HTML 6Page - STMicroelectronics STM32U073HBI6 Datasheet HTML 7Page - STMicroelectronics STM32U073HBI6 Datasheet HTML 8Page - STMicroelectronics STM32U073HBI6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 146 page
background image
General-purpose inputs/outputs
•
Up to 69 fast I/Os, most of them 5 V
‑tolerant
20 communication interfaces
•
USB 2.0 full-speed crystal-less solution with LPM and BCD
•
7x USARTs/LPUARTs (SPI, ISO 7816, LIN, IrDA, modem)
•
4x I2C interfaces supporting Fast-mode and Fast-mode Plus (up to 1 Mbit/s)
•
3x SPIs, plus 4x USARTs in SPI mode
•
IRTIM (Infrared interface)
Security
•
Customer code protection
•
Robust read out protection (RDP): 3 protection level states and password-based regression (128-bit
PSWD)
•
Hardware protection feature (HDP)
•
Secure boot
•
True random number generation, candidate for NIST SP 800-90B certification
•
Candidate for Arm® PSA level 1 and SESIP level 3 certifications
•
5 passive anti-tamper pins
•
96-bit unique ID
Clock management
•
4 to 48 MHz crystal oscillator
•
32 kHz crystal oscillator for RTC (LSE)
•
Internal 16 MHz factory-trimmed RC (±1%)
•
Internal low-power 32 kHz RC (±5%)
•
Internal multispeed 100 kHz to 48 MHz oscillator, auto-trimmed by LSE (better than ±0.25 % accuracy)
•
Internal 48 MHz with clock recovery
•
PLL for system clock, USB, ADC
10 timers, RTC, and 2 watchdogs
•
1x 16-bit advanced motor-control, 1x 32-bit and 3x 16-bit general purpose, 2x 16-bit basic, 3x low-power
16-bit timers (available in Stop mode), 2x watchdogs, SysTick timer
•
RTC with hardware calendar, alarms and calibration
CRC calculation unit
Up to 21 capacitive sensing channels
•
Supporting touchkey, linear and rotary touch sensors
12-channel DMA controller
•
Flexible mapping (DMAMUX)
Debug
•
Development support: serial wire debug (SWD)
All packages are ECOPACK2 compliant.
STM32U073x8/B/C
DS14548 - Rev 2
page 2/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com