Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073HBI6 Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza STM32U073HBI6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073HBI6 Datasheet(HTML) 4 Page - STMicroelectronics

  STM32U073HBI6 Datasheet HTML 1Page - STMicroelectronics STM32U073HBI6 Datasheet HTML 2Page - STMicroelectronics STM32U073HBI6 Datasheet HTML 3Page - STMicroelectronics STM32U073HBI6 Datasheet HTML 4Page - STMicroelectronics STM32U073HBI6 Datasheet HTML 5Page - STMicroelectronics STM32U073HBI6 Datasheet HTML 6Page - STMicroelectronics STM32U073HBI6 Datasheet HTML 7Page - STMicroelectronics STM32U073HBI6 Datasheet HTML 8Page - STMicroelectronics STM32U073HBI6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 146 page
background image
2
Description
The STM32U073x8/B/C devices are ultra-low-power microcontrollers based on the high-performance Arm®
Cortex®-M0+ 32-bit RISC core operating at a frequency of up to 56 MHz.
The STM32U073x8/B/C devices embed high-speed memories (up to 256-Kbyte flash memory and 40-Kbyte
SRAM with hardware parity check), and an extensive range of enhanced I/Os and peripherals connected to APB
and AHB buses, and a 32-bit multi-AHB bus matrix.
They also embed protection mechanisms for embedded flash memory and SRAM, such as readout protection and
write protection.
The STM32U073x8/B/C devices offer a 12-bit ADC, a 12-bit DAC, two embedded rail-to-rail analog comparators,
one operational amplifier, a low-power RTC, one general-purpose 32-bit timer, one 16-bit PWM timer dedicated to
motor control, three general-purpose 16-bit timers, and three 16-bit low-power timers
The devices also embed up to 21 capacitive sensing channels, plus an integrated LCD controller that enables to
drive 8x48 or 4x52 segments with internal step-up converter.
They also feature standard and advanced communication interfaces, namely four I2Cs, three SPIs, four USARTs
and three low-power UARTs, plus one crystal-less USB full-speed device.
The STM32U073x8/B/C operate in the -40 to +85 °C (+105 °C junction) and -40 to +125 °C (+130 °C junction)
temperature ranges from a 1.71 to 3.6 V VDD power supply using an internal LDO regulator. A comprehensive set
of power-saving modes makes possible the design of low-power applications.
Independent power supplies are supported: analog independent supply input for ADC, DAC, OPAMP and
comparator, as well as VBAT input allowing the backup of the RTC and backup registers.
The STM32U073x8/B/C offer eight packages from 32 to 81 pins.
Refer to the table below for the list of peripherals available on each part number.
Table 1. Device features and peripheral counts
Peripherals
STM32U073Mx
STM32U073Rx
STM32U073Cx
STM32U073Hx STM32U073Kx
Flash memory (Kbytes)
64/128/256
SRAM (Kbytes)
40
Timers
Advanced
control
1 (16 bits)
General
purpose
3 (16 bits)
1 (32 bits)
Basic
2 (16 bits)
Low power
3 (16 bits)
SysTick
1
Watchdog
timers
(independent,
window)
2
Communication
interfaces
SPI
3
I2C
4
USART
LPUART
4
3
USB
Yes
RTC
Yes
Tamper pins
5
5
4
3
3
LCD
COM x SEG
Yes
8x48 or 4x52
Yes
8x33 or 4x37
Yes
4x24
Yes
3x19
Yes
3x17
TRNG
Yes
STM32U073x8/B/C
Description
DS14548 - Rev 2
page 4/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com