Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BTA16-600BW Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

No. de pieza BTA16-600BW
Descripción Electrónicos  16A Ⅲ&ⅣSERIES TRIACS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Página de inicio  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BTA16-600BW Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BTA16-600BW Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BTA16-600BW Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd BTA16-600BW Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd BTA16-600BW Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd BTA16-600BW Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd BTA16-600BW Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BTA16 BTB16
16A Ⅲ&ⅣSERIES TRIACS
http://
www.lgesemi.com
Revision:20230619-P3
mail:lge@lgesemi.com
 
RATING AND CHARACTERISTICS CURVES
ITM(A)
IT(RMS)(A)
FIG.1: Maximum power dissipation versus
RMS on-state current
FIG.2: RMS on-state current versus case
temperature
FIG.4:On-state characteristics (maximum values)
FIG.3: Surge peak on-state current versus
number of cycles
FIG.5: Non-repetitive surge peak on-state current
for a sinusoidal pulse with width tp<20ms, and
corresponging value of I2t (Ⅰ-Ⅱ-Ⅲ:dI/dt <
50A/μs;Ⅳ:dI/dt < 10A/μs)
FIG.6: Relative variations of gate trigger
current,holding current and latching current
versus junction temperature
ITSM(A),I2t(A2s)
IGT,IH,IL(Tj)/IGT,IH,IL(Tj=25℃ )
ITSM(A)
P(w)



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com