Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BTA16-600BW Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

No. de pieza BTA16-600BW
Descripción Electrónicos  16A Ⅲ&ⅣSERIES TRIACS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Página de inicio  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BTA16-600BW Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BTA16-600BW Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BTA16-600BW Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd BTA16-600BW Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd BTA16-600BW Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd BTA16-600BW Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd BTA16-600BW Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BTA16 BTB16
16A Ⅲ&ⅣSERIES TRIACS
http://
www.lgesemi.com
Revision:20230619-P1
mail:lge@lgesemi.com
Features
The LGE BTA16/BTB16, 16A Ⅲ &Ⅳquadrants series
triacs ,which can be operated in Ⅲ &Ⅳquadrants.As
silicon bidirectional device,with NPNPN five-layer structure;
singlesided trenching technology,mesa glass passivation
process;
multi-layer metallized electrode on the back side;
High blocking voltage and high temperature stability.
Applications
The LGE BTA16/BTB16 is suitable for inductive load
switching operations,also can be used in ON/OFF function
applications such as washing machine,induction motor
starting circuits,vacuum cleaners,power tools and other
motors such as speed control maker; heating regulation,
solid state relay; phases control circuit ; AC motor speed
regulation,and so on.
Mechanical Data
Moisture Sensitivity: MSL Level 1,per J-STD-020
Terminals:Matte Tin Finish.
Solderable per MIL-STD-202 Method 208
Case Material:Molded Plastic;
Molding compound meet UL Flammability
Classification Rating 94V-0
Case:JEDEC TO-220,TO-
220F,TO-263
MAXIMUM RATING
Ratings at 25℃ ambient tepmerature unless otherwise specified.
PARAMETER
SYMBOL
VALUE
UNITS
R.M.S. On-State Current
BTA
BTB
Tc=80℃
Tc=90℃
IT(RMS)
16
A
Non-Repetitive
Surge
Peak
On-State
Current(fFull Cycle,Tj initial=25℃)
F=50HZ
T=20ms
ITSM
160
A
F=60HZ
T=16.7ms
168
I2t Value for Fusing
tp=10ms
I2t
144
A2s
Critical Rate of Rise of On-State Current
IG=2×IGT,tr≤100ns
F=120HZ Tj=125℃
di/dt
50
A/μs
Repetitive peak Off-State voltage
Tj=25℃
VDRM/VRRM
600/800
V
Non repetitive surge peak off-state voltage tp=10ms
Tj=25℃
VDSM/VRSM
VDRM/VRRM+100
V
Peak Gate Current
tp=20μs
Tj=125℃
IGM
4
A
Average Gate Power Dissipation
Tj=125℃
PG(AV)
1
W
Typical Thermal Resistance
(Junction to Ambient)
TO-220AB/TO-220ABins
RΘJA
60
/W
TO-263
45
Typical Thermal Resistance(Junction to
Case (AC))
TO-220AB/TO-263
RΘJC
1.2
/W
TO-220AB Insulated
2.1
Maximum Operating Junction temperature
TJ
-40~+125
Storage temperature range
TSTG
-40~+150


Número de pieza similar - BTA16-600BW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kersemi Electronic Co.,...
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
logo
Inchange Semiconductor ...
BTA16-600BW ISC-BTA16-600BW Datasheet
107Kb / 1P
With TO-220AB insulated package
logo
STMicroelectronics
BTA16-600BW STMICROELECTRONICS-BTA16-600BW Datasheet
217Kb / 18P
Snubberless™, logic level and standard 16 A Triacs
30-May-2018
logo
HAOPIN MICROELECTRONICS...
BTA16-600BW HAOPIN-BTA16-600BW Datasheet
442Kb / 5P
Three quadrant triacs
logo
ON Semiconductor
BTA16-600BW3G ONSEMI-BTA16-600BW3G Datasheet
115Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2008 ??Rev. 1
More results

Descripción similar - BTA16-600BW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
BTA16 STMICROELECTRONICS-BTA16 Datasheet
99Kb / 9P
16A TRIACS
13-Feb-2006
logo
Tiger Electronic Co.,Lt...
BTA16-600C TGS-BTA16-600C Datasheet
99Kb / 1P
16A TRIACS
BTA16-800B TGS-BTA16-800B Datasheet
142Kb / 1P
16A TRIACS
logo
Unisonic Technologies
BTB16A UTC-BTB16A Datasheet
162Kb / 4P
16A TRIACS
BTA16 UTC-BTA16 Datasheet
164Kb / 3P
16A TRIACS
BTA16A UTC-BTA16A Datasheet
169Kb / 4P
16A TRIACS
BTA16A UTC-BTA16A_15 Datasheet
195Kb / 4P
16A TRIACS
BTB16A UTC-BTB16A_15 Datasheet
169Kb / 4P
16A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT16 JIEJIE-ACJT16 Datasheet
358Kb / 5P
16A TRIACs
logo
SiPower Inc.
BTA16 SIPOWER-BTA16 Datasheet
1Mb / 6P
16A Triacs
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com