Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BTA16-600BW Datasheet(PDF) 6 Page - Shenzhen Luguang Electronic Technology Co., Ltd

No. de pieza BTA16-600BW
Descripción Electrónicos  16A Ⅲ&ⅣSERIES TRIACS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Página de inicio  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BTA16-600BW Datasheet(HTML) 6 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BTA16-600BW Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BTA16-600BW Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd BTA16-600BW Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd BTA16-600BW Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd BTA16-600BW Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd BTA16-600BW Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
BTA16 BTB16
16A Ⅲ&ⅣSERIES TRIACS
http://
www.lgesemi.com
Revision:20230619-P6
mail:lge@lgesemi.com
ORDERING INFORMATION
BT A 16 - 800 -
B
Triac
Insulation
A=Insulated
B=Non-insulated
Current
16=16A
Voltage
600=600V
800=800V
Sensitivity and Type
B=50mA
BW=50mA
C=25mA
CW=35mA
SW=10mA
TW=5mA
TO-220
50pcs/Tube
558×148×38
1000
565×225×175
5000
Packge
Packing
Box Size
L×W×H(mm)
Quatity(pcs/box)
Carton Size
L×W×H(mm)
Quatity(pcs/carton)
TO-263
50pcs/Tube
560×178×38
1000
585×385×220
10000
Packge
Packing
Box Size
L×W×H(mm)
Quatity(pcs/box)
Carton Size
L×W×H(mm)
Quatity(pcs/carton)



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com