| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STA382BWSTR Datasheet(PDF) 118 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA382BWSTR Datasheet(HTML) 118 Page - STMicroelectronics |
|
118 / 172 page ![]() Register description: Sound Terminal compatibility STA382BWS 118/172 Doc ID 022784 Rev 1 Figure 34. OCFG = 11 The STA382BWS can be configured to support different output configurations. For each PWM output channel a PWM slot is defined. A PWM slot is always 1 / (8 * fs) seconds length. The PWM slot defines the maximum extension for the PWM rising and falling edge, that is, the rising edge as well as the falling edge cannot range outside the PWM slot boundaries. Figure 35. Output mapping scheme Half Bridge Half Bridge Half Bridge Half Bridge OUT1A OUT1B OUT2A OUT2B Channel 3 OUT3B OUT4B OUT4A OUT3A Channel 1 Channel 2 Half Bridge Half Bridge Half Bridge Half Bridge OUT1A OUT1B OUT2A OUT2B Channel 3 OUT3B OUT4B OUT4A OUT3A Channel 1 Channel 2 FFX ™ modulator REMAP FFX1A FFX1 B FFX2 A FFX 2B OUT1A OUT1B OUT2A OUT2B Power Bridge OUT1A OUT1B OUT2A OUT2B FFX3 A FFX3B FFX4 A FFX 4B OUT3A OUT3B OUT4A OUT4B FFX ™ modulator REMAP FFX1A FFX1 B FFX2 A FFX 2B OUT1A OUT1B OUT2A OUT2B Power Bridge OUT1A OUT1B OUT2A OUT2B FFX3 A FFX3B FFX4 A FFX 4B OUT3A OUT3B OUT4A OUT4B FFX ™ modulator REMAP FFX1A FFX1 B FFX2 A FFX 2B OUT1A OUT1B OUT2A OUT2B Power Bridge OUT1A OUT1B OUT2A OUT2B FFX3 A FFX3B FFX4 A FFX 4B OUT3A OUT3B OUT4A OUT4B FFX ™ modulator REMAP FFX1A FFX1 B FFX2 A FFX 2B OUT1A OUT1B OUT2A OUT2B Power Bridge OUT1A OUT1B OUT2A OUT2B FFX3 A FFX3B FFX4 A FFX ™ modulator REMAP FFX1A FFX1 B FFX2 A FFX 2B OUT1A OUT1B OUT2A OUT2B Power Bridge OUT1A OUT1B OUT2A OUT2B FFX3 A FFX3B FFX4 A FFX 4B OUT3A OUT3B OUT4A OUT4B FFX modulator REMAP FFX1A FFX1 B FFX2 A FFX 2B OUT1A OUT1B OUT2A OUT2B Power Bridge OUT1A OUT1B OUT2A OUT2B FFX3 A FFX3B FFX4 A FFX 4B OUT3A OUT3B OUT4A OUT4B TM Obsolete Product(s) - Obsolete Product(s) |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |