| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STA382BWSTR Datasheet(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA382BWSTR Datasheet(HTML) 28 Page - STMicroelectronics |
|
28 / 172 page ![]() Device overview STA382BWS 28/172 Doc ID 022784 Rev 1 ● 2.0 output with B2DRC (Figure 6): the mixer and the eighth biquadratic filter are used to divide the channel into two sub-bands, then each sub-band is independently processed by a DRC block. The two bands are then re-composed and fed to the following processing blocks. The crossover frequency is user-selectable. This configuration and features ensure the backward compatibility with the previous Sound Terminal® products. For further information please refer to Chapter 6.11.1: Dual-band DRC. Figure 6. Processing path, second part: 2.0 output with B2DRC ● 2.1 output with STCompressorTM (Figure 7): the STA382BWS embeds the latest, state- of-the-art multi-band dynamic, range compressor, called STCompressorTM. When using this configuration, up to 10 biquad filters are available for dedicated processing. Please refer to Section 4.3: STCompressorTM for further information about this feature. Figure 7. Processing path, second part: 2.1 output configuration with STCompressorTM Crossover Frequency Determined by XO Setting (User Defined If XO=0000) C1Mx1 User-Defined Mix Coefficients + B2DRC Hi-pass XO filter DC Cut Filter C1Mx2 L R C2Mx1 + B2DRC Hi-pass XO filter C2Mx2 C3Mx1 + C3Mx2 - Channel 1 Volume DRC 1 Channel 3 Volume DRC 2 Post Scale ++ - + DC Cut Filter Channel 3 Volume DRC 2 Channel 2 Volume DRC 1 Post Scale + Crossover Frequency Determined by XO Setting (User Defined If XO=0000) C1Mx1 User-Defined Mix Coefficients + Channel ½ Biquad#8 -------------- Hi-pass XO Filter STCompressor Volume And Limiter DC Cut Filter Post Scale C1Mx2 L R C2Mx1 + Channel ½ Biquad#8 -------------- Hi-pass XO Filter STCompressor Volume And Limiter DC Cut Filter Post Scale C2Mx2 C3Mx1 + Channel 3 Biquad#8 -------------- Low-pass XO filter Volume And Limiter DC Cut Filter Post Scale C3Mx2 Obsolete Product(s) - Obsolete Product(s) |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |