| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STA382BWSTR Datasheet(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA382BWSTR Datasheet(HTML) 42 Page - STMicroelectronics |
|
42 / 172 page ![]() I2C bus specification STA382BWS 42/172 Doc ID 022784 Rev 1 5.4.5 Write mode sequence Figure 14. Write mode sequence 5.4.6 Read mode sequence Figure 15. Read mode sequence DEV-ADDR ACK START RW SUB-ADDR ACK DATA IN ACK STOP BYTE WRITE DEV-ADDR ACK START RW SUB-ADDR ACK DATA IN ACK STOP MULTIBYTE WRITE DATA IN ACK DEV-ADDR ACK START RW SUB-ADDR ACK DATA IN ACK STOP BYTE WRITE DEV-ADDR ACK START RW SUB-ADDR ACK DATA IN ACK STOP MULTIBYTE WRITE DATA IN ACK DEV-ADDR ACK START RW DATA NO ACK STOP CURRENT ADDRESS READ DEV-ADDR ACK START RW SUB-ADDR ACK DEV-ADDR ACK STOP RANDOM ADDRESS READ DATA NO ACK W R T R A T S DEV-ADDR ACK START DATA ACK DATA ACK STOP SEQUENTIAL CURRENT READ DATA NO ACK DEV-ADDR ACK START RW SUB-ADDR ACK DEV-ADDR ACK SEQUENTIAL RANDOM READ DATA ACK W R T R A T S DATA ACK NO ACK STOP DATA RW= HIGH DEV-ADDR ACK START RW DATA NO ACK STOP CURRENT ADDRESS READ DEV-ADDR ACK START RW SUB-ADDR ACK DEV-ADDR ACK STOP RANDOM ADDRESS READ DATA NO ACK W R T R A T S DEV-ADDR ACK START DATA ACK DATA ACK STOP SEQUENTIAL CURRENT READ DATA NO ACK DEV-ADDR ACK START RW SUB-ADDR ACK DEV-ADDR ACK SEQUENTIAL RANDOM READ DATA ACK W R T R A T S DATA ACK NO ACK STOP DATA RW= HIGH Obsolete Product(s) - Obsolete Product(s) |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |