Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EEUFC2A331 Datasheet(PDF) 2 Page - Panasonic Semiconductor

No. de pieza EEUFC2A331
Descripción Electrónicos  Aluminum Electrolytic Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC2A331 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEUFC2A331 Datasheet HTML 1Page - Panasonic Semiconductor EEUFC2A331 Datasheet HTML 2Page - Panasonic Semiconductor EEUFC2A331 Datasheet HTML 3Page - Panasonic Semiconductor EEUFC2A331 Datasheet HTML 4Page - Panasonic Semiconductor EEUFC2A331 Datasheet HTML 5Page - Panasonic Semiconductor EEUFC2A331 Datasheet HTML 6Page - Panasonic Semiconductor EEUFC2A331 Datasheet HTML 7Page - Panasonic Semiconductor EEUFC2A331 Datasheet HTML 8Page - Panasonic Semiconductor EEUFC2A331 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
FC-A series
*1: 100 kHz
*2
455
937
1040
793
306
400
463
599
698
511
671
807
Case size (mm)
Capacitance
Impedance (Ω) (100 kHz)
Ripple current
1920
917
1520
1730
1130
995
1170
0.023
0.050
0.118
0.059
0.050
1765
2160
1835
2235
0.089
0.144
0.280
0.084
0.110
0.094
0.055
0.047
Should a safety concern arise regarding this product, please be sure to contact us immediately.
01-Jun-23
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
0.025
1770
2300
1600
1230
1420
0.032
0.070
0.062
0.086
0.064
3635
0.140
0.124
0.082
0.072
0.300
0.170
0.140
0.085
0.070
0.110
730
0.056
0.044
0.096
0.086
0.086
0.030
0.080
0.048
0.034
0.028
0.388
0.294
0.260
0.180
0.155
0.120
0.162
0.040
615
850
1030
1200
1610
0.050
0.120
0.220
0.126
0.100
0.180
0.042
0.090
2590
1610
1410
0.072
0.140
2560
0.100
0.136
0.160
0.042
0.068
3360
0.072
0.043
0.036
2670
2770
2700
2790
0.094
0.240
0.060
0.172
0.030
0.086
2825
1690
2845
1900
0.025
0.040
2740
0.043
0.032
0.062
2585
2950
2610
3000
0.058
0.050
0.029
0.025
0.110
0.055
2290
2420
0.084
0.053
0.047
0.120
0.080
0.098
0.087
0.360
0.240
0.076
0.046
0.028
0.041
0.036
0.060
0.050
0.030
3095
3205
3100
—
0.046
—
3680
3735
0.023
—
0.030
0.030
0.124
0.106
8.20
3.60
1.36
0.660
1.060
0.720
0.480
0.420
0.300
0.900
0.110
0.196
0.174
0.220
0.178
100 V
63 V
Ripple
current*1
(mA rms)
Ripple
current*1
(mA rms)
Impedance*1
(Ω)
Impedance*1
(Ω)
-10
℃
+20
℃
50 V
-10
℃
+20
℃
Impedance*1
(Ω)
Ripple
current*1
(mA rms)
+20
℃
—
—
—
145
240
2090
2265
80
0.210
0.150
0.230
0.180
0.110
690
535
600
885
1050
1300
1020
1285
1720
0.460
0.360
0.220
0.330
0.530
4.10
1.80
-10
℃
-10
℃
0.036
*2
0.600
0.030
0.130
0.180
0.136
0.104
995
755
1050
1220
1440
0.068
0.058
0.170
+20
℃
0.034
0.119
0.060
0.160
0.080
Impedance*1
(Ω)
Case size
(mm)
(øD×L)
65
120
200
175
290
555
0.056
0.032
0.044
2000
2490
1690
2205
2555
3010
2510
2655
3150
1945
1815
1205
1655
18 × 40
0.020
0.016
0.015
0.014
0.038
0.028
0.015
6.3 V to 35 V
4 × 7
5 × 7
6.3 × 7
5 × 11
6.3 × 11.2
8 × 11.5
0.234
R. voltage
2.00
0.950
0.450
0.800
0.350
0.117
Ripple
current*1
(mA rms)
0.016
0.468
0.234
16 × 40
18 × 15
18 × 20
18 × 25
18 × 31.5
18 × 35.5
0.018
2310
0.050
0.036
0.065
0.090
0.068
0.052
0.045
0.035
0.065
0.038
0.085
0.025
0.022
16 × 35.5
8 × 20
10 × 12.5
10 × 16
10 × 20
10 × 25
10 × 30
12.5 × 15
8 × 15
12.5 × 20
12.5 × 25
0.150
0.342
12.5 × 30
12.5 × 35
12.5 × 40
16 × 15
16 × 20
16 × 25
16 × 31.5
0.043
0.029
0.022
0.018
2215
2285
0.068
0.230
635
0.310
0.063
1150
1480
1832
0.164
0.512
1.20
1.60
0.700
0.060
2.00
1.00
0.178
0.256
0.194
0.147
0.130
0.090
0.460
*2
1.20
0.240
0.324
0.238
0.180
0.090
0.082
*2
260
485
860
—
—
—
—
—
—
4.00
2.00
0.684
0.356
405
535
—
—
—
0.680
0.450
114
260
340
0.090
0.070
0.130
0.076
0.060
5.00
2.40
Case size/ Impedance/ Ripple current
145
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
155
(ø D×L)
(μF)
+20
℃
-10
℃
(mA rms) (100 kHz)
1.30
2.60
125
12
1.30
2.60
135
22
1.30
2.60
155
5 × 11
2.2
1.80
3.60
45
3.3
1.30
2.60
65
4.7
1.30
2.60
95
10
15
1.30
2.60
18
1.30
2.60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com