Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EEUFC2A331 Datasheet(PDF) 4 Page - Panasonic Semiconductor

No. de pieza EEUFC2A331
Descripción Electrónicos  Aluminum Electrolytic Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC2A331 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EEUFC2A331 Datasheet HTML 1Page - Panasonic Semiconductor EEUFC2A331 Datasheet HTML 2Page - Panasonic Semiconductor EEUFC2A331 Datasheet HTML 3Page - Panasonic Semiconductor EEUFC2A331 Datasheet HTML 4Page - Panasonic Semiconductor EEUFC2A331 Datasheet HTML 5Page - Panasonic Semiconductor EEUFC2A331 Datasheet HTML 6Page - Panasonic Semiconductor EEUFC2A331 Datasheet HTML 7Page - Panasonic Semiconductor EEUFC2A331 Datasheet HTML 8Page - Panasonic Semiconductor EEUFC2A331 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
FC-A series
Endurance : 105
℃ 1000 h / ø4 to ø6.3, 105 ℃ 2000 h / ø8, 105 ℃ 3000 h / ø10, 105 ℃ 5000 h / ø12.5 to ø18
*1: Ripple current (100 kHz / +105
℃)
End of life
*2: Impedance (100 kHz
 / +20 ℃)
・ When requesting taped product, please put the letter "B" or "H" be tween the "( )".
  Lead wire pitch ✽B=5 mm, 7.5 mm, H=2.5 mm.
・ Please refer to the page of “Taping dimensions”.
Characteristics list
7.0
11.0
7.0
11.0
Rated
voltage
(V)
Capacitance
(±20 %)
(μF)
5.0
2.5
0.45
2.000
22
5.0
1.5
0.45
1000
7.0
Straight
Taping
✽B
65
Min. Packaging
Q'ty (PCS)
Lead space
Straight
leads
Specification
200 2000
Taping
Taping
✽H
2000
5.0
200 2000
EEUFC1A221S( )
EEUFC1A331( )
2.0
2.0
2.5
2.5
2.5
1000
5.0
1000
5.0
2.0
0.45
200 2000
1000
11.2
Lead length (mm)
Part No.
Case size
(
mm)
øD
L
Lead
dia.
(ød)
0.50
0.50
EEAFC1A220( )
EEAFC1A390( )
EEUFC1A820( )
EEAFC1A820( )
EEUFC1A101S( )
EEUFC1A151( )
Ripple
current*1
(mA rms)
Impe-
dance*2
(Ω)
Endu-
rance
(h)
1000
1000
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
01-Jun-23
995 0.065
1050 0.068
3000
755 0.090
5.0
12.5
1000
500
500
3000
5.0
16.0
16.0
18.0
18.0
18.0
EEUFC1A822
3000
290 0.350 1000
5.0
755 0.090
5.0
12.5
555 0.117 2000
2000
5.0
3.5
3.5
0.50
0.50
0.60
0.60
5.0
200
200
2000
2000
0.50
2000
200 2000
EEUFC1A181( )
31.5
35.5
3635 0.016
2000
5.0
15.0
730 0.085
0.80
25.0
35.5
2740 0.020 5000
3000
5.0
5.0
3.5
5.0
0.60
0.60
20.0
16.0
7.5
0.80
40.0
3735 0.014 5000
3680 0.015 5000
7.5
0.80
18.0
11.5
4.0
5.0
5.0
6.3
5.0
6.3
6.3
6.3
8.0
8.0
8.0
10.0
8.0
10.0
10.0
8.0
10.0
11.2
11.2
11.5
16.0
31.5
5000
3150 0.016 5000
7.5
—
7.5
7.5
0.80
—
7.5
0.80
1000
200
500
200 1000
200
200
200
200
1000
1000
200
2000
200
500
200
500
500
200
500
200
500
200
200
200
200
250
100
—
500
200
500
100
250
100
—
200
100
250
—
100
250
100
—
100
250
100
250
100
100
100
—
50
—
100
—
—
—
—
EEUFC1A682S( )
EEUFC1A562( )
EEUFC1A562S( )
EEUFC1A682
—
50
—
250
EEUFC1A822L
7.5
7.5
—
—
—
100
—
100
250
0.029
0.80
0.80
0.80
0.80
0.80
12.5
40.0
50
—
5.0
7.5
7.5
7.5
7.5
7.5
5.0
7.5
5.0
7.5
7.5
—
7.5
—
0.80
0.80
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
EEUFC1A391( )
EEUFC1A471( )
25.0
EEUFC1A122( )
EEUFC1A122S( )
EEUFC1A152( )
EEUFC1A182( )
EEUFC1A182S( )
EEUFC1A222L
EEUFC1A222( )
EEUFC1A272( )
EEUFC1A272S( )
EEUFC1A332
EEUFC1A332S( )
EEUFC1A392L
EEUFC1A392( )
EEUFC1A472L
EEUFC1A472( )
0.60
0.60
0.60
0.60
0.80
0.60
7.5
5.0
3000
5000
5000
0.60
0.60
—
—
—
5.0
5.0
5.0
2000
EEUFC1A102( )
0.60
0.60
0.60
0.60
5.0
5.0
5.0
5.0
EEUFC1A561( )
EEUFC1A681L( )
EEUFC1A681( )
EEUFC1A821( )
EEUFC1A102L( )
EEUFC1A103
EEUFC1A123
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
5.0
5.0
5.0
5.0
5.0
7.5
—
5.0
5.0
5.0
5.0
—
—
—
—
—
—
7.5
—
7.5
3.5
5.0
3.5
5.0
0.80
0.80
0.60
0.950
0.800
0.350
0.350
0.117
0.117
0.068
0.052
0.065
0.450
0.800
1000
3000
5000
3000
5000
5000
0.80
120
175
290
290
555
555
1050
1220
200
175
1690
1815
1655
1945
2000
0.045
0.038
0.043
0.035
0.038
0.030
0.038
0.025
3010
0.022
0.029
0.018
0.022
0.022
0.028
0.018
2555
2555
220
330
390
2490
18.0
20.0
12.5
30.0
16.0
20.0
12.5
35.0
16.0
20.0
15.0
1000
10.0
11.5
16.0
16.0
25.0
20.0
82
2310
2205
2510
2205
2655
10.0
30.0
12.5
20.0
12.5
25.0
18.0
15.0
12.5
15.0
10.0
25.0
12.5
20.0
16.0
1205
1440
1655
8200
8200
4700
4700
6800
5600
3900
10
10000
12000
1500
3300
2700
2200
1800
470
560
820
1200
680
39
100
150
180
EOL
EOL
EOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com