Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EEUFC2A331 Datasheet(PDF) 13 Page - Panasonic Semiconductor

No. de pieza EEUFC2A331
Descripción Electrónicos  Aluminum Electrolytic Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC2A331 Datasheet(HTML) 13 Page - Panasonic Semiconductor

Back Button EEUFC2A331 Datasheet HTML 9Page - Panasonic Semiconductor EEUFC2A331 Datasheet HTML 10Page - Panasonic Semiconductor EEUFC2A331 Datasheet HTML 11Page - Panasonic Semiconductor EEUFC2A331 Datasheet HTML 12Page - Panasonic Semiconductor EEUFC2A331 Datasheet HTML 13Page - Panasonic Semiconductor EEUFC2A331 Datasheet HTML 14Page - Panasonic Semiconductor EEUFC2A331 Datasheet HTML 15Page - Panasonic Semiconductor EEUFC2A331 Datasheet HTML 16Page - Panasonic Semiconductor EEUFC2A331 Datasheet HTML 17Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Matters to Be Observed When Using This Product
■ Do not use the product in a structure sealed by potting or molding. The pressure of a molding resin on a capacitor may
deform the capacitor. In addition, the resin covering the capacitor may affect its heat dissipation performance or may leak
into the product. These factors lead to the significant degradation of the capacitor’s characteristics and reliability.
There is also a concern that an electrolytic solution permeating the sealing rubber may agglomerate and cause a short
circuit.
■ When the capacitor is used in a circuit where an impact voltage is applied or a high voltage is applied in a short period
(transient phenomenon) or a high pulse voltage is applied, make sure to use the capacitor at a voltage equal to or
lower than its rated voltage.
■ The product contains an electrolytic. Improper use of the capacitor leads not only to the rapid degradation of its
characteristics but also to electrolytic leakage. These problems damage the circuit board and may lead to destruction
of the entire circuit set.
■ When you see gas coming out of an activated pressure relief valve of a capacitor during use of a circuit set, turn off the
main power supply of the circuit set or pull the power cord plug out of the wall-outlet. If you leave the power supply on and
the capacitor short-circuits, it will damage the circuit, or the gas can turn into a liquid, which will cause the circuit to short.
In the worst case scenarios, these events may develop into a more serious incident, such as burnout of the circuit set.
The gas coming out of the pressure relief valve of a capacitor is not smoke, but is the electrolytic solution in its gaseous
state.
■ When the pressure valve of the capacitor is activated, it emits a high-temperature gas of over 100 ℃. Do not bring your
face near the valve. In case the gas jetting out of the valve gets in your eyes or comes into your mouth, wash your eyes
with water or rinse your mouth immediately. If the gas hits your skin, wash it away with soap.
■ If you touch a terminal of the product during use of the circuit set, you will get an electric shock. The aluminum case of
the product has an exposed part with no insulation. Do not touch the exposed part because it is as dangerous as the
terminal.
■ Do not create a short circuit between terminals of the product by inserting a conductor therebetween. Do not splash a
conductive solution, such as an acidic or alkali solution, on the capacitor. It puts the capacitor in a shorted state,
which causes the circuit to fail and destroys the capacitor as well.
■ When a silicone material containing a relatively large amount of a low-molecular-weight siloxane is located close to the
product, it may cause the capacitor problems with its electrical performance.
■ When electronic equipment having the capacitor built therein is exported to overseas markets, wooden packaging
materials are fumigated with a halogen compound, such as methyl bromide. In such cases, if the packaging material
subjected to the fumigation treatment is not dried sufficiently, halogen remaining on the packaging material may leach
into the capacitor during transportation and trigger a corrosive reaction in the capacitor. When carrying out the fumigation
treatment, carefully examine the dried packaging material to confirm that no halogen remains on the packaging material.
Never fumigate the entire electronic equipment in its packaged state.
■ The product life is affected by temperatures. In general, a 10 ℃ drop in the temperature will double the life.
Use the capacitor at a temperature as low as possible from the upper limit category temperature.
■ Using a capacitor under a temperature condition outside a specified temperature range causes heavy degradation of the
capacitor characteristics, which may result in breakage of the capacitor. You need to confirm not only the ambient
temperature and internal temperature of the capacitor but also the temperature of the capacitor’s top surface, which is
given by radiant heat from built-in heating elements (a power transistor, IC, resistance, etc.) and heat generated by
self-heating induced by ripple current. Do not place a heating element on the back of the capacitor.
1-Dec-23
 Response to anomalies and handling conditions
 Reliability and product life



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com