Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

L9362 Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza L9362
Descripción Electrónicos  QUAD LOW SIDE DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9362 Datasheet(HTML) 5 Page - STMicroelectronics

  L9362_V01 Datasheet HTML 1Page - STMicroelectronics L9362_V01 Datasheet HTML 2Page - STMicroelectronics L9362_V01 Datasheet HTML 3Page - STMicroelectronics L9362_V01 Datasheet HTML 4Page - STMicroelectronics L9362_V01 Datasheet HTML 5Page - STMicroelectronics L9362_V01 Datasheet HTML 6Page - STMicroelectronics L9362_V01 Datasheet HTML 7Page - STMicroelectronics L9362_V01 Datasheet HTML 8Page - STMicroelectronics L9362_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5/17
L9362
Powerstage protection
ISCB
Short current detection and switch
off threshold
With filter-time t_SCB.
3.0
5.0
A
t_SCB
Short circuit switch off delay time
3
30
s
Vccmin
VCC undervoltage
3.0
4.0
V
Current feedback
TRatio 1
ICFB / IOUT for IOUT=0.4...2A
4)
VCFB  1.8V
1.45
1.65
2
mA/A
TMPS1
6)
5)
Temperature stability
for 0.4A to < 2.0A, related to
25°C
3
6%
CURS1
for IOUT = 0.4A to 2A
5)
Current stability
gain/Gain at 2A
TJ = -40°C
-12
17
%
TJ = +25°C
-6
10
%
TJ = +125°C
-5
5
%
CURlin1 6)
CURlin2
for IOUT = 0.4A to 1.0A
4)
for IOUT = 1.0A to 2.0A 4)
Linearity Error
(within the calibration points
at 0.5A, 1A, 2A)
0.2
1
0.7
%
%
Note 4:
At 150°C guaranteed by design and electrical characterisation
Note 5:
Guaranteed by design and electrical characterisation
Note 6:
Values for TMPS1, CURlin1 and CURlin2 are typical values from testing results
Diagnostic
VREF1
Short to GND threshold voltage
for IOUT  2A
0.390
VCC
0.435
VCC
V
t_SCG
Short to GND filter time
140
250
s
IOL
Open load threshold current
10
55
mA
t_OL
Open load filter time
140
265
s
ROL
Pullup resistor at OUT1, OUT2,
OUT3 and OUT4 for OL detection
2.0
8.0
k
TOFF
Temperature detection threshold 7)
155
170
190
°C
Note 7:
Guaranteed by measurement and correlation
ELECTRICAL CHARACTERISTICS (continued)
4.5V  VCC  5.5V, -40°C  TJ  125°C, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com