Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

L9362 Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza L9362
Descripción Electrónicos  QUAD LOW SIDE DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9362 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9362_V01 Datasheet HTML 2Page - STMicroelectronics L9362_V01 Datasheet HTML 3Page - STMicroelectronics L9362_V01 Datasheet HTML 4Page - STMicroelectronics L9362_V01 Datasheet HTML 5Page - STMicroelectronics L9362_V01 Datasheet HTML 6Page - STMicroelectronics L9362_V01 Datasheet HTML 7Page - STMicroelectronics L9362_V01 Datasheet HTML 8Page - STMicroelectronics L9362_V01 Datasheet HTML 9Page - STMicroelectronics L9362_V01 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
L9362
6/17
Note: 8.
Input Pin Capacitance of SDI, CLK, NCS, NON1, NON2, NON3, NON4 6pF typical; Output Pin Capacitance of SDO 12pF typica
Serial diagnostic link (external Load capacitor at SDO = 100pF)
fclk
Clock frequency
50% duty cycle.
0
3
MHz
tclh
Minimum time CLK = HIGH
100
ns
tcll
Minimum time CLK = LOW
100
ns
tpcld
Propagation delay
CLK to data at SDO valid.
100
ns
tcsdv
NCS = LOW
To data at SDO valid.
100
ns
tsclch
CLK low before NCS low
Setup time CLK to NCS
change H/L.
100
ns
thclcl
CLK change L/H after
NCS = LOW
100
ns
tscld
SDI input setup time
CLK change H/L after SDI
data valid.
20
ns
thcld
SDI input hold time
SDI data hold after CLK
change H/L.
20
ns
tsclcl
CLK low before NCS high
150
ns
thclch
CLK high after NCS high
150
ns
tpchdz
NCS L/H to output data float
100
ns
tfNCS
NCS filter-time
Pulses
 tfNCS will be
ignored.
10
40
ns
ELECTRICAL CHARACTERISTICS (continued)
4.5V  VCC  5.5V, -40°C  TJ  125°C, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com