Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

L9362 Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza L9362
Descripción Electrónicos  QUAD LOW SIDE DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9362 Datasheet(HTML) 2 Page - STMicroelectronics

  L9362_V01 Datasheet HTML 1Page - STMicroelectronics L9362_V01 Datasheet HTML 2Page - STMicroelectronics L9362_V01 Datasheet HTML 3Page - STMicroelectronics L9362_V01 Datasheet HTML 4Page - STMicroelectronics L9362_V01 Datasheet HTML 5Page - STMicroelectronics L9362_V01 Datasheet HTML 6Page - STMicroelectronics L9362_V01 Datasheet HTML 7Page - STMicroelectronics L9362_V01 Datasheet HTML 8Page - STMicroelectronics L9362_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
L9362
2/17
PIN CONNECTION
PIN FUNCTIONS
Pin No.
Pin Name
Pin Description
Notes
1
PGND1
Power Ground
2N.C.
3
CFB1
Output Current feedback
Sinks current proportional to IOUT1
4
OUT1
Output Power Switch
5
OUT1
Output Power Switch
6
CLK
Input Clock
Digital input, Schmitt trigger, internal Pullup current
7
NCS
inverted Chip Select Input
Digital input, Schmitt trigger, internal Pullup current
8N.C.
9
SGND
Signal Ground
10
LGND
Ground of digital part
11
N.C.
12
SDO
Serial Data Output
Digital tristate output
13
SDI
Serial Data Input
Digital input, Schmitt trigger, internal Pullup current
14
OUT4
Output Power Switch
15
OUT4
Output Power Switch
16
CFB4
Output Current feedback
Sinks current proportional to IOUT4
17
N.C.
18
PGND4
Power Ground
19
PGND3
Power Ground
20
N.C.
21
CFB3
Output Current feedback
Sinks current proportional to IOUT3
22
OUT3
Output Power Switch
23
OUT3
Output Power Switch
24
NON4
Inverted Control Signal Input
Digital input, Schmitt trigger, internal Pullup current
99AT0012
1
36
2
35
3
34
4
33
5
32
6
31
7
30
8
29
9
28
10
27
11
26
12
25
13
24
14
23
15
22
16
21
17
20
18
PGND2
N.C.
CFB2
OUT2
OUT2
NON1
NON2
N.C.
VCC
N.C.
NRES
NON3
NON4
OUT3
OUT3
CFB3
N.C.
PGND3
Frame connected to PGND
19
PGND1
N.C.
CFB1
OUT1
OUT1
CLK
NCS
N.C.
SGND
LGND
N.C.
SDO
SDI
OUT4
OUT4
CFB4
N.C.
PGND4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com