Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA65PIF6TR Datasheet(PDF) 164 Page - STMicroelectronics

No. de pieza STM32WBA65PIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA65PIF6TR Datasheet(HTML) 164 Page - STMicroelectronics

Back Button STM32WBA65PIF6TR Datasheet HTML 160Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 161Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 162Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 163Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 164Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 165Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 166Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 167Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 168Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 185 page
background image
Electrical characteristics
STM32WBA6xxx
164/185
DS14736 Rev 1
Refer to Section 4.2 for more details on the input/output alternate function characteristics
(SCK, SD, WS).
Table 96. SAI characteristics(1)(2)
Symbol
Parameter
Conditions
Min
Max
Unit
fMCK
Main clock output
-
-
50
MHz
fCK
Clock frequency
Master transmitter, 2.7 V ≤ VDD ≤ 3.6 V
-
23
Master transmitter, 1.71 V ≤ VDD < 2.7 V
-
16.5
Master receiver, 1.71 V ≤ VDD ≤ 3.6 V
-
18
Slave transmitter, 2.7 V ≤ VDD ≤ 3.6 V
Voltage range 1
-23
Slave transmitter, 1.71 V ≤ VDD < 2.7 V
Voltage range 1
-16.5
Slave transmitter, 1.71 V ≤ VDD ≤ 3.6 V
Voltage range 2
-12.5
Slave receiver, 1.71 V ≤ VDD ≤ 3.6 V
-
50
tv(FS)
FS valid time
Master mode, 2.7 V ≤ VDD ≤ 3.6 V
-
19.5
ns
Master mode, 1.71 V ≤ VDD < 2.7 V
-
27.5
tsu(FS)
FS setup time
Slave mode
1
-
th(FS)
FS hold time
Master mode
11.5
-
Slave mode
1
-
tsu(SD_A_MR)
Data input setup time
Master receiver
3.5
-
tsu(SD_B_SR)
Slave receiver
3
-
th(SD_A_MR)
Data input hold time
Master receiver
3
-
th(SD_B_SR)
Slave receiver
2
-
tv(SD_B_ST)
Data output valid time
Slave transmitter (after enable edge),
2.7 V ≤ VDD ≤ 3.6 V, voltage range 1
-21.5
Slave transmitter (after enable edge),
1.71 V ≤ VDD < 2.7 V, voltage range 1
-30
Slave transmitter (after enable edge),
2.7 V ≤ VDD ≤ 3.6 V, voltage range 2
-30
Slave transmitter (after enable edge),
1.71 V ≤ VDD < 2.7 V, voltage range 2
-39
th(SD_B_ST)
Data output hold time
Slave transmitter (after enable edge)
Voltage range 1
12
-
Slave transmitter (after enable edge)
Voltage range 2
21
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com