Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA65PIF6TR Datasheet(PDF) 166 Page - STMicroelectronics

No. de pieza STM32WBA65PIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA65PIF6TR Datasheet(HTML) 166 Page - STMicroelectronics

Back Button STM32WBA65PIF6TR Datasheet HTML 162Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 163Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 164Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 165Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 166Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 167Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 168Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 169Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 185 page
background image
Electrical characteristics
STM32WBA6xxx
166/185
DS14736 Rev 1
Figure 39. SAI slave timing waveforms
5.3.32
OTG_HS characteristics
The OTG_HS controller complies with the following specifications:
•
USB On-The-Go supplement, revision 2.0
•
Universal Serial Bus revision 2.0 specification
•
Battery charging specification, revision 1.2
The parameters given in the following tables are derived from tests performed under
temperature up to 120 °C and VDD supply voltage conditions summarized in Table 30.
MS32772V2
SAI_SCK_X
(CKSTR = 1)
SAI_FS_X
(input)
SAI_SD_X
(transmit)
tsu(FS)
Slot n
SAI_SD_X
(receive)
tw(CKH_X)
th(FS)
Slot n+2
tv(SD_ST)
th(SD_ST)
Slot n
tsu(SD_SR)
tw(CKL_X)
th(SD_SR)
1/fSCK
SAI_SCK_X
(CKSTR = 0)
Table 97. OTG_HS electrical characteristics(1)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VDDUSB USB transceiver operating voltage
-
3.0
-
3.6
V
fHCLK
HSE32 oscillator is used to guarantee proper
operation of the OTG_HS interface
--
32
-
MHz
RPUI
Embedded USB_DP pull-up value during idle
-
900
1250
1575
Ω
RPUR
Embedded USB_DP pull-up value during reception
-
1425(2) 2250 3090(2)
RPD
Embedded USB_DP and USB_DM pull-down value
-
14250
-
24800
ZDRV
Output driver impedance(3)
Driving high or low 40.5(2)
45
49.5(2)
tlr
Rise time
CL < 5 pF
0.5(2)
--
ns
tlf
Fall time
CL < 5 pF
0.5(2)
--
tlrfm
Rise/fall time matching
-
80(2)
-
125(2)
%
1. Evaluated by characterization. Not tested in production, unless otherwise specified.
2. Specified by design, not tested in production.
3. No external termination series resistors are required on USB_DP (D+) and USB_DM (D-). The matching impedance is
already included in the embedded driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com