Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA65PIF6TR Datasheet(PDF) 165 Page - STMicroelectronics

No. de pieza STM32WBA65PIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA65PIF6TR Datasheet(HTML) 165 Page - STMicroelectronics

Back Button STM32WBA65PIF6TR Datasheet HTML 161Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 162Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 163Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 164Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 165Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 166Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 167Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 168Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 185 page
background image
DS14736 Rev 1
165/185
STM32WBA6xxx
Electrical characteristics
169
Figure 38. SAI master timing waveforms
tv(SD_A_MT) Data output valid time
Master transmitter (after enable edge)
2.7 V ≤ VDD ≤ 3.6 V
-21.5
ns
Master transmitter (after enable edge)
1.71 V ≤ VDD < 2.7 V
-30
th(SD_A_MT) Data output hold time
Master transmitter (after enable edge)
10
-
1. Evaluated by characterization - Not tested in production.
2. APB clock frequency must be at least two times the SAI clock frequency.
Table 96. SAI characteristics(1)(2) (continued)
Symbol
Parameter
Conditions
Min
Max
Unit
MS32771V2
SAI_SCK_X
(CKSTR = 1)
SAI_FS_X
(output)
1/fSCK
SAI_SD_X
(transmit)
tv(FS)
Slot n
SAI_SD_X
(receive)
th(FS)
Slot n+2
tv(SD_MT)
Slot n
tsu(SD_MR)
th(SD_MR)
SAI_SCK_X
(CKSTR = 0)
th(SD_MT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com