| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32WBA63PIU7TR Datasheet(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WBA63PIU7TR Datasheet(HTML) 45 Page - STMicroelectronics |
|
45 / 185 page ![]() DS14736 Rev 1 45/185 STM32WBA6xxx Functional overview 69 – Intra-channel DMA transfers chaining via programmable linked-list into memory, supporting two execution modes: run-to-completion and link step mode – Intra-channel and inter-channel DMA transfers chaining via programmable DMA input triggers connection to DMA task completion events • Per linked-list item within a channel: – Separately programmed source and destination transfers – Programmable data handling between source and destination: byte-based reordering, packing or unpacking, padding or truncation, sign extension and left/right realignment – Programmable number of data bytes to be transferred from the source, defining the block level – Linear source and destination addressing: either fixed or contiguously incremented addressing, programmed at a block level, between successive single transfers – Programmable DMA request and trigger selection – Programmable DMA half-transfer and transfer complete events generation – Pointer to the next linked-list item and its data structure in memory, with automatic update of the DMA linked-list control registers • Debug: – Channel suspend and resume support – Channel status reporting including FIFO level and event flags • TrustZone support: – Support for secure and nonsecure DMA transfers, independently at a first channel level, and independently at a source/destination and link sub-levels – Secure and nonsecure interrupts reporting, resulting from any of the respectively secure and nonsecure channels – TrustZone-aware AHB slave port, protecting any DMA secure resource (register, register field) from a nonsecure access • Privileged/unprivileged support: – Support for privileged and unprivileged DMA transfers, independently at a channel level – Privileged-aware AHB slave port. |