Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA63PIU7TR Datasheet(PDF) 79 Page - STMicroelectronics

No. de pieza STM32WBA63PIU7TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA63PIU7TR Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STM32WBA63PIU7TR Datasheet HTML 75Page - STMicroelectronics STM32WBA63PIU7TR Datasheet HTML 76Page - STMicroelectronics STM32WBA63PIU7TR Datasheet HTML 77Page - STMicroelectronics STM32WBA63PIU7TR Datasheet HTML 78Page - STMicroelectronics STM32WBA63PIU7TR Datasheet HTML 79Page - STMicroelectronics STM32WBA63PIU7TR Datasheet HTML 80Page - STMicroelectronics STM32WBA63PIU7TR Datasheet HTML 81Page - STMicroelectronics STM32WBA63PIU7TR Datasheet HTML 82Page - STMicroelectronics STM32WBA63PIU7TR Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 185 page
background image
-
14
-
19
R10
R10
J1
J1
PB9
I/O
FT_a
-
TIM1_CH3N, TIM3_CH4, IR_OUT, SPI2_NSS,
SPI3_MISO, LPUART1_RTS_DE, TSC_G2_IO3,
TIM4_CH4, LPTIM2_IN1, TIM16_CH1, EVENTOUT
COMP2_INM1,
ADC4_IN10, WKUP8
13
-
13
20
T11
T11
K1
K1
VDDUSB
S
-
-
-
-
14
-
14
21
P7
P7
F4
F4
PD9
I/O
FT_u
-
USART2_TX, USART3_TX, EVENTOUT
OTG_VBUS
15
-
15
22
R8
R8
G4
G4
PD8
I/O
FT_u
-
USART2_CK, OTG_ID, EVENTOUT
-
16
-
16
23
U10
U10
L1
L1
PD7
I/O
TT
-
-
OTG_HSDM
17
-
17
24
T9
T9
K2
K2
PD6
I/O
TT
-
-
OTG_HSDP
-
-
-
25
N6
N6
L2
L2
PD5
I/O
FT
-
SAI1_D1, SPI3_MOSI, USART2_RX, SAI1_SD_A,
EVENTOUT
-
18
15
18
26
R6
R6
K3
K3
PB8
I/O
FT_a
-
LPTIM1_ETR, TIM1_CH1, TIM3_ETR,
USART2_RX, SPI3_MOSI, TSC_G2_IO4,
COMP1_OUT, TIM4_CH3, TIM16_CH1N,
EVENTOUT
PVD_IN
-
-
-
-
-
-
F5
F5
PD4
I/O
FT
-
LPTIM2_IN2, USART3_RX, EVENTOUT
-
-
-
-
-
-
-
H4
H4
PD3
I/O
FT_a
-
SPI2_SCK, SPI2_MISO, USART2_CTS,
TSC_G8_IO1, EVENTOUT
-
-
-
-
-
-
-
L3
L3
PD2
I/O
FT
-
TIM3_ETR, USART3_RTS_DE, TSC_SYNC,
EVENTOUT
-
--
-
27
-
-
-
-
VDD
S
-
-
-
-
19
16
19
28
U8
U8
L4
L4
PC15-
OSC32_OUT
I/O
FT
-
EVENTOUT
OSC32_OUT
20
17
20
29
T7
T7
K4
K4
PC14-OSC32_IN I/O
FT
-
EVENTOUT
OSC32_IN
-
-
-
-
-
-
J4
J4
PD1
I/O
FT_a
-
SPI2_SCK, TSC_G8_IO2, EVENTOUT
-
Table 23. Device pin definitions (continued)
Pin number
Name
(function after
reset)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More