Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA63PIU7TR Datasheet(PDF) 12 Page - STMicroelectronics

No. de pieza STM32WBA63PIU7TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA63PIU7TR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32WBA63PIU7TR Datasheet HTML 8Page - STMicroelectronics STM32WBA63PIU7TR Datasheet HTML 9Page - STMicroelectronics STM32WBA63PIU7TR Datasheet HTML 10Page - STMicroelectronics STM32WBA63PIU7TR Datasheet HTML 11Page - STMicroelectronics STM32WBA63PIU7TR Datasheet HTML 12Page - STMicroelectronics STM32WBA63PIU7TR Datasheet HTML 13Page - STMicroelectronics STM32WBA63PIU7TR Datasheet HTML 14Page - STMicroelectronics STM32WBA63PIU7TR Datasheet HTML 15Page - STMicroelectronics STM32WBA63PIU7TR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 185 page
background image
Introduction
STM32WBA6xxx
12/185
DS14736 Rev 1
1
Introduction
This document provides the ordering information and mechanical device characteristics of
the STM32WBA6xxx microcontrollers, based on Arm® cores(a). It must be read in
conjunction with the reference manual (RM0515), available from the STMicroelectronics
website www.st.com.
For information on the device errata with respect to the datasheet and reference manual
refer to the STM32WBA6xxx errata sheet (ES0644), available from the STMicroelectronics
website www.st.com.
For information on the Arm® Cortex®-M33 core, refer to the Cortex®-M33 Technical
Reference Manual, available on the www.arm.com website.
For information on 802.15.4, refer to the IEEE website (www.ieee.org).
For information on Bluetooth®, refer to www.bluetooth.com.
.
a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More