Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XC6209A301DR Datasheet(PDF) 10 Page - Torex Semiconductor

No. de pieza XC6209A301DR
Descripción Electrónicos  High Speed LDO Regulators Low ESR Cap.Compatible,Output ON/OFFControl
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6209A301DR Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC6209A301DR Datasheet HTML 6Page - Torex Semiconductor XC6209A301DR Datasheet HTML 7Page - Torex Semiconductor XC6209A301DR Datasheet HTML 8Page - Torex Semiconductor XC6209A301DR Datasheet HTML 9Page - Torex Semiconductor XC6209A301DR Datasheet HTML 10Page - Torex Semiconductor XC6209A301DR Datasheet HTML 11Page - Torex Semiconductor XC6209A301DR Datasheet HTML 12Page - Torex Semiconductor XC6209A301DR Datasheet HTML 13Page - Torex Semiconductor XC6209A301DR Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10/30
XC6209 Series
SYMBOL
E-0
E-1
E-2
OUTPUT VOLTAGE (V)
(2%)
DROPOUT VOLTAGE 1 (mV)
(IOUT=30mA)
DROPOUT VOLTAGE 2 (mV)
(IOUT=100mA)
VOUT
Vdif1
Vdif2
VOUT(T)
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
0.90 *
0.870
0.930
1100
1110
1150
1200
0.95 *
0.920
0.980
1.00 *
0.970
1.030
1000
1010
1050
1100
1.05 *
1.020
1.080
1.10 *
1.070
1.130
900
910
950
1000
1.15 *
1.120
1.180
1.20 *
1.170
1.230
800
810
850
900
1.25 *
1.220
1.280
1.30 *
1.270
1.330
700
710
750
800
1.35 *
1.320
1.380
1.40 *
1.370
1.430
600
610
650
700
1.45 *
1.420
1.480
1.50 *
1.470
1.530
500
510
550
600
1.55 *
1.519
1.581
1.60 *
1.568
1.632
400
410
500
550
1.65 *
1.617
1.683
1.70 *
1.666
1.734
300
310
400
450
1.75 *
1.715
1.785
1.80 *
1.764
1.836
200
210
300
400
1.85 *
1.813
1.887
1.90 *
1.862
1.938
120
150
280
380
1.95 *
1.911
1.989
2.00
1.960
2.040
80
120
240
350
2.05
2.009
2.091
2.10
2.058
2.142
330
2.15
2.107
2.193
2.20
2.156
2.244
2.25
2.205
2.295
2.30
2.254
2.346
310
2.35
2.303
2.397
2.40
2.352
2.448
2.45
2.401
2.499
2.50
2.450
2.550
70
100
220
290
2.55
2.499
2.601
2.60
2.548
2.652
2.65
2.597
2.703
2.70
2.646
2.754
2.75
2695
2.805
2.80
2.744
2.856
270
2.85
2.793
2.907
2.90
2.842
2.958
2.95
2.891
3.009
3.00
2.940
3.060
60
90
200
3.05
2.989
3.111
3.10
3.038
3.162
250
3.15
3.087
3.213
3.20
3.136
3.264
3.25
3.185
3.315
3.30
3.234
3.366
3.35
3.283
3.417
3.40
3.332
3.468
3.45
3.381
3.519
3.50
3.430
3.570
3.55
3.479
3.621
* The input voltage 2.0V (MIN.) is needed to operate the IC. 2.0V-VOUT(T) of dropout voltage is needed at minimum.
Dropout Voltage
Voltage Accuracy 2% products
ELECTRICAL CHARACTERISTICS (Continued)
Ta=25℃
NOMINAL
OUTPUT
VOLTAGE
PARAMETER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com