Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XC6209A301DR Datasheet(PDF) 5 Page - Torex Semiconductor

No. de pieza XC6209A301DR
Descripción Electrónicos  High Speed LDO Regulators Low ESR Cap.Compatible,Output ON/OFFControl
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6209A301DR Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6209A301DR Datasheet HTML 1Page - Torex Semiconductor XC6209A301DR Datasheet HTML 2Page - Torex Semiconductor XC6209A301DR Datasheet HTML 3Page - Torex Semiconductor XC6209A301DR Datasheet HTML 4Page - Torex Semiconductor XC6209A301DR Datasheet HTML 5Page - Torex Semiconductor XC6209A301DR Datasheet HTML 6Page - Torex Semiconductor XC6209A301DR Datasheet HTML 7Page - Torex Semiconductor XC6209A301DR Datasheet HTML 8Page - Torex Semiconductor XC6209A301DR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5/30
XC6209
Series
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
12.0
V
Output Current
IOUT
500 (*1)
mA
Output Voltage
VOUT
VSS - 0.3 ~ VIN + 0.3
V
CE Input Voltage
VCE
VSS - 0.3 ~ VIN + 0.3
V
Power Dissipation
SOT-25
Pd
250
mW
600(PCB mounted)(*2)
SOT-89-5
500
1300(PCB mounted)(*2)
USP-6B
120
1000(PCB mounted)(*2)
Operating Ambient Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-55 ~ +125
ABSOLUTE MAXIMUM RATINGS
Ta=25℃
All voltages are described based on the VSS.
(*1) IOUT≦Pd/(VIN-VOUT)
(*2) This is a reference data taken by using the test board. Please refer to page 25 to 27 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com