Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XC6209A301DR Datasheet(PDF) 3 Page - Torex Semiconductor

No. de pieza XC6209A301DR
Descripción Electrónicos  High Speed LDO Regulators Low ESR Cap.Compatible,Output ON/OFFControl
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6209A301DR Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6209A301DR Datasheet HTML 1Page - Torex Semiconductor XC6209A301DR Datasheet HTML 2Page - Torex Semiconductor XC6209A301DR Datasheet HTML 3Page - Torex Semiconductor XC6209A301DR Datasheet HTML 4Page - Torex Semiconductor XC6209A301DR Datasheet HTML 5Page - Torex Semiconductor XC6209A301DR Datasheet HTML 6Page - Torex Semiconductor XC6209A301DR Datasheet HTML 7Page - Torex Semiconductor XC6209A301DR Datasheet HTML 8Page - Torex Semiconductor XC6209A301DR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3/30
XC6209
Series
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
Type of Regulator
CE Pin Logic
A
150mA, Active High, Pull-down resistor built-in (*2)
(Semi-custom)
B
150mA, Active High, No pull-down resistor
(Standard)
C
150mA, Active Low, Pull-up resistor built-in (*2)
(Semi-custom)
D
150mA, Active Low, No pull-up resistor
(Semi-custom)
E
300mA (*1), Active High, Pull-down resistor built-in (*2)
(Semi-custom)
F
300mA ( *1), Active High, No pull-down resistor
(Standard)
G
300mA (*1), Active Low, Pull-up resistor built-in (*2)
(Semi-custom)
H
300mA (*1), Active Low, No pull-up resistor
(Semi-custom)
②③
Output Voltage
09~60
Output Voltage Range: 0.9V~6.0V
e.g. : 3.0V⇒②=3, ③=0
30~60
For 1% product, output voltage range is 3.0V~6.0V.
Output Voltage
Accuracy
2
0.1V increments, Accuracy: ±2% (*3)
e.g.: 2.80V⇒②=2, ③=8, ④=2
1
0.1V increments, Accuracy: ±1%
e.g.: 3.00V⇒②=3, ③=0, ④=1
A
0.05V increments, Accuracy: ±2% (*3)
e.g.: 2.85V⇒②=2, ③=8, ④=A
B
0.05V increments, Accuracy: ±1%
e.g.: 3.05V⇒②=3, ③=0, ④=B
⑤⑥-⑦ (*4)
Packages
(Order Unit)
MR
SOT-25 (3,000/Reel)
MR-G
SOT-25 (3,000/Reel)
PR
SOT-89-5 (1,000/Reel)
PR-G
SOT-89-5 (1,000/Reel)
DR
USP-6B (3,000/Reel)
DR-G
USP-6B (3,000/Reel)
PRODUCT CLASSIFICATION
Ordering Information
XC6209①②③④⑤⑥-⑦
(*1) The maximum output current of type E~H depends on setting output voltage.
(*2) With the pull-up resistor or pull-down resistor built-in types, the supply current during operation will increase by VIN / 2MΩ (TYP.).
(*3) The output voltage accuracy is ±30mV at VOUT≦1.5V.
(*4) The “-G” suffix denotes Halogen and Antimony free as well as being fully EU RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com