Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433CCU7 Datasheet(PDF) 106 Page - STMicroelectronics

No. de pieza STM32L433CCU7
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CCU7 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STM32L433CCU7 Datasheet HTML 102Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 103Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 104Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 105Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 106Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 107Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 108Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 109Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 227 page
background image
Table 30. Current consumption in Run and Low-power run modes, code with data processing
running from SRAM1
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
Voltage
scaling
fHCLK
25 °C
55 °C
85 °C
105
°C
125
°C
25 °C
55 °C
85 °C
105
°C
125
°C
IDD_ALL
(Run)
Supply
current in
Run mode
fHCLK = fHSE up to
48MHz included,
bypass mode
PLL ON above
48 MHz all
peripherals disable
Range 2
26 MHz
2.42
2.43
2.49
2.56
2.71
2.7
2.7
2.8
3.0
3.3
mA
16 MHz
1.54
1.55
1.6
1.67
1.82
1.7
1.7
1.8
2.0
2.3
8 MHz
0.82
0.84
0.88
0.95
1.1
0.9
1.0
1.0
1.2
1.5
4 MHz
0.47
0.48
0.52
0.59
0.73
0.5
0.6
0.6
0.8
1.1
2 MHz
0.29
0.3
0.34
0.41
0.55
0.3
0.4
0.4
0.6
0.9
1 MHz
0.2
0.21
0.25
0.32
0.46
0.2
0.3
0.3
0.5
0.8
100 kHz
0.12
0.13
0.17
0.24
0.38
0.1
0.2
0.2
0.4
0.7
Range 1
80 MHz
8.63
8.68
8.74
8.84
9.01
9.5
9.6
9.7
9.9
10.2
72 MHz
7.79
7.83
7.9
7.99
8.17
8.6
8.6
8.8
8.9
9.3
64 MHz
6.95
6.99
7.05
7.15
7.32
7.7
7.7
7.9
8.0
8.4
48 MHz
5.19
5.22
5.29
5.38
5.55
5.8
5.8
5.9
6.1
6.5
32 MHz
3.51
3.53
3.6
3.68
3.85
3.9
4.0
4.1
4.2
4.6
24 MHz
2.66
2.68
2.74
2.83
2.99
3.0
3.0
3.1
3.3
3.6
16 MHz
1.82
1.84
1.89
1.98
2.14
2.0
2.1
2.2
2.3
2.7
IDD_ALL
(LPRun)
Supply
current in
low-power
run mode
fHCLK = fMSI
all peripherals disable
FLASH in power-down
2 MHz
205
228
275
352
501
276.5
302.3
358.4
502.5
816.4
µA
1 MHz
111
126
175
248
397
151.3
180.9
245.3
390.7
703.4
400 kHz
49.2
62.7
108
181
330
73.3
104.0
170.8
321.0
632.4
100 kHz
21.5
33.3
76.6
151
299
36.4
67.7
137.2
287.8
600.8
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com