Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433CCU7 Datasheet(PDF) 108 Page - STMicroelectronics

No. de pieza STM32L433CCU7
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CCU7 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button STM32L433CCU7 Datasheet HTML 104Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 105Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 106Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 107Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 108Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 109Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 110Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 111Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 227 page
background image
Electrical characteristics
STM32L433xx
108/19
DS11449 Rev 7
Table 32. Typical current consumption in Run and Low-power run modes, with different codes
running from flash, ART enable (Cache ON Prefetch OFF)
Symbol
Parameter
Conditions
TYP
Unit
TYP
Unit
-
Voltage
scaling
Code
25 °C
25 °C
IDD_ALL
(Run)
Supply
current in
Run mode
fHCLK = fHSE up
to 48 MHz
included, bypass
mode PLL ON
above 48 MHz
all peripherals
disable
Reduced code(1)
2.37
mA
91
µA/MHz
Coremark
2.69
103
Dhrystone 2.1
2.74
105
Fibonacci
2.58
99
While(1)
2.30
88
Reduced code(1)
8.53
mA
107
µA/MHz
Coremark
9.68
121
Dhrystone 2.1
9.76
122
Fibonacci
9.27
116
While(1)
8.20
103
IDD_ALL
(LPRun)
Supply
current in
Low-power
run
fHCLK = fMSI = 2 MHz
all peripherals disable
Reduced code(1)
211
µA
106
µA/MHz
Coremark
251
126
Dhrystone 2.1
269
135
Fibonacci
230
115
While(1)
286
143
1. Reduced code used for characterization results provided in Table 26, Table 28, Table 30.
Table 33. Typical current consumption in Run, with different codes running from flash,
ART enable (Cache ON Prefetch OFF) and power supplied by external SMPS
(VDD12 = 1.10 V)
Symbol
Parameter
Conditions(1)
TYP
Unit
TYP
Unit
-
Voltage
scaling
Code
25 °C
25 °C
IDD_ALL
(Run)
Supply
current in
Run mode
fHCLK = fHSE up to
48 MHz included,
bypass mode PLL
ON above
48 MHz
all peripherals
disable
Reduced code(2)
1.02
mA
39
µA/MHz
Coremark
1.16
45
Dhrystone 2.1
1.18
45
Fibonacci
1.11
43
While(1)
0.99
38
Reduced code(2)
3.07
38
Coremark
3.48
43
Dhrystone 2.1
3.51
44
Fibonacci
3.33
42
While(1)
2.95
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com