Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433CCU7 Datasheet(PDF) 121 Page - STMicroelectronics

No. de pieza STM32L433CCU7
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CCU7 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button STM32L433CCU7 Datasheet HTML 117Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 118Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 119Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 120Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 121Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 122Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 123Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 124Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 227 page
background image
IDD_ALL
(SRAM2)(4)
Supply current
to be added in
Standby mode
when SRAM2
is retained
-
1.8 V
173
349
1 009
2 158
4 542
249
527
1604
3402
6908
nA
2.4 V
174
345
1 015
2 163
4 535
271
589
1623
3438
6924
3 V
178
350
1 019
2 148
4 419
277
594
1628
3467
6935
3.6 V
184
352
1 033
2 208
4 610
293
611
1631
3480
6948
IDD_ALL
(wakeup
from
Standby)
Supply current
during wakeup
from Standby
mode
Wakeup clock is
MSI = 4 MHz.
See (5).
3 V
1.23
-
-
-
-
-
-
---
mA
1. Guaranteed by characterization results, unless otherwise specified.
2. Guaranteed by test in production.
3. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF loading capacitors.
4. The supply current in Standby with SRAM2 mode is: IDD_ALL(Standby) + IDD_ALL(SRAM2). The supply current in Standby with RTC with SRAM2 mode is: IDD_ALL(Standby
+ RTC) + IDD_ALL(SRAM2).
5. Wakeup with code execution from flash. Average value given for a typical wakeup time as specified in Table 51: Low-power mode wakeup timings.
Table 47. Current consumption in Standby mode (continued)
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VDD 25 °C 55 °C 85 °C 105 °C 125 °C 25 °C 55 °C 85 °C 105 °C 125 °C
Table 48. Current consumption in Shutdown mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VDD 25 °C 55 °C 85 °C 105 °C 125 °C 25 °C 55 °C 85 °C 105 °C 125 °C
IDD_ALL
(Shutdown)
Supply current
in Shutdown
mode
(backup
registers
retained) RTC
disabled
-
1.8 V
7.82
190
386
1 286
3 854
25.0
255
1721
5052
15543
nA
2.4 V
23
229
485
1 517
4 431
34.9
270
2085
5878
17639
3 V
44.3
290
634
1 878
5 310
70.1
345
2454
6755
19984
3.6 V
212
397
977
2 516
6 656
119.1
496
2992
7939
22860



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com