Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433CCU7 Datasheet(PDF) 125 Page - STMicroelectronics

No. de pieza STM32L433CCU7
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CCU7 Datasheet(HTML) 125 Page - STMicroelectronics

Back Button STM32L433CCU7 Datasheet HTML 121Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 122Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 123Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 124Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 125Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 126Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 127Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 128Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 227 page
background image
DS11449 Rev 7
125/19
STM32L433xx
Electrical characteristics
194
On-chip peripheral current consumption
The current consumption of the on-chip peripherals is given in Table 50. The MCU is placed
under the following conditions:
•
All I/O pins are in Analog mode
•
The given value is calculated by measuring the difference of the current consumptions:
–
when the peripheral is clocked on
–
when the peripheral is clocked off
•
Ambient operating temperature and supply voltage conditions summarized in Table 19:
Voltage characteristics
•
The power consumption of the digital part of the on-chip peripherals is given in
Table 50. The power consumption of the analog part of the peripherals (where
applicable) is indicated in each related section of the datasheet.
Table 50. Peripheral current consumption
Peripheral
Range 1
Range 2
Low-power run
and sleep
Unit
AHB
Bus Matrix(1)
3.2
2.9
3.1
µA/MHz
ADC independent clock domain
0.4
0.1
0.2
ADC clock domain
2.1
1.9
1.9
CRC
0.4
0.2
0.3
DMA1
1.4
1.3
1.4
DMA2
1.5
1.3
1.4
FLASH
6.2
5.2
5.8
GPIOA(2)
1.7
1.4
1.6
GPIOB(2))
1.6
1.3
1.6
GPIOC(2)
1.7
1.5
1.6
GPIOD(2)
1.8
1.6
1.7
GPIOE(2)
1.7
1.6
1.6
GPIOH(2)
0.6
0.6
0.5
QSPI
7.0
5.8
7.3
RNG independent clock domain
2.2
N/A
N/A
RNG clock domain
0.5
N/A
N/A
SRAM1
0.8
0.9
0.7
SRAM2
1.0
0.8
0.8
TSC
1.6
1.3
1.3
All AHB Peripherals
25.2
21.7
23.6
APB1
AHB to APB1 bridge(3)
0.9
0.7
0.9
CAN1
4.1
3.2
3.9
DAC1
2.4
1.8
2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com