Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433CCU7 Datasheet(PDF) 128 Page - STMicroelectronics

No. de pieza STM32L433CCU7
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CCU7 Datasheet(HTML) 128 Page - STMicroelectronics

Back Button STM32L433CCU7 Datasheet HTML 124Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 125Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 126Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 127Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 128Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 129Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 130Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 131Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 227 page
background image
Electrical characteristics
STM32L433xx
128/19
DS11449 Rev 7
Table 51. Low-power mode wakeup timings(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
tWUSLEEP
Wakeup time from Sleep
mode to Run mode
-6
6
Nb of
CPU
cycles
tWULPSLEEP
Wakeup time from Low-
power sleep mode to Low-
power run mode
Wakeup in flash with flash in power-down during
low-power sleep mode (SLEEP_PD=1 in
FLASH_ACR) and with clock MSI = 2 MHz
68.3
tWUSTOP0
Wake up time from Stop 0
mode to Run mode in flash
Range 1
Wakeup clock MSI = 48 MHz
3.8
5.7
µs
Wakeup clock HSI16 = 16 MHz
4.1
6.9
Range 2
Wakeup clock MSI = 24 MHz
4.07
6.2
Wakeup clock HSI16 = 16 MHz
4.1
6.8
Wakeup clock MSI = 4 MHz
8.45
11.8
Wake up time from Stop 0
mode to Run mode in
SRAM1
Range 1
Wakeup clock MSI = 48 MHz
1.5
2.9
Wakeup clock HSI16 = 16 MHz
2.4
2.76
Range 2
Wakeup clock MSI = 24 MHz
2.4
3.48
Wakeup clock HSI16 = 16 MHz
2.4
2.76
Wakeup clock MSI = 4 MHz
8.16 10.94
tWUSTOP1
Wake up time from Stop 1
mode to Run in flash
Range 1
Wakeup clock MSI = 48 MHz
6.34
7.86
µs
Wakeup clock HSI16 = 16 MHz 6.84
8.23
Range 2
Wakeup clock MSI = 24 MHz
6.74
8.1
Wakeup clock HSI16 = 16 MHz 6.89
8.21
Wakeup clock MSI = 4 MHz
10.47 12.1
Wake up time from Stop 1
mode to Run mode in
SRAM1
Range 1
Wakeup clock MSI = 48 MHz
4.7
5.97
Wakeup clock HSI16 = 16 MHz
5.9
6.92
Range 2
Wakeup clock MSI = 24 MHz
5.4
6.51
Wakeup clock HSI16 = 16 MHz
5.9
6.92
Wakeup clock MSI = 4 MHz
11.1
12.2
Wake up time from Stop 1
mode to Low-power run
mode in flash
Regulator in
low-power
mode (LPR=1
in PWR_CR1)
Wakeup clock MSI = 2 MHz
16.4 17.73
Wake up time from Stop 1
mode to Low-power run
mode in SRAM1
17.3 18.82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com