Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433CCU7 Datasheet(PDF) 148 Page - STMicroelectronics

No. de pieza STM32L433CCU7
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CCU7 Datasheet(HTML) 148 Page - STMicroelectronics

Back Button STM32L433CCU7 Datasheet HTML 144Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 145Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 146Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 147Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 148Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 149Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 150Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 151Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 227 page
background image
Electrical characteristics
STM32L433xx
148/19
DS11449 Rev 7
All I/Os are CMOS- and TTL-compliant (no software configuration required). Their
characteristics cover more than the strict CMOS-technology or TTL parameters. The
coverage of these requirements is shown in Figure 28 for standard I/Os, and in Figure 28 for
5 V tolerant I/Os.
Figure 28. I/O input characteristics
Output driving current
The GPIOs (general purpose input/outputs) can sink or source up to ±8 mA, and sink or
source up to ± 20 mA (with a relaxed VOL/VOH).
RPD
Weak pull-down
equivalent resistor(8)
VIN = VDDIOx
25
40
55
kΩ
CIO
I/O pin capacitance
-
-
5
-
pF
1. Refer to Figure 28: I/O input characteristics.
2. Tested in production.
3. Guaranteed by design.
4. This value represents the pad leakage of the IO itself. The total product pad leakage is provided by this formula:
ITotal_Ileak_max = 10 µA + [number of IOs where VIN is applied on the pad] ₓ Ilkg(Max).
5. All FT_xx GPIOs except FT_u and PC3 I/Os.
6. Max(VDDXXX) is the maximum value of all the I/O supplies.
7. To sustain a voltage higher than Min(VDD, VDDA, VDDUSB, VLCD) +0.3 V, the internal Pull-up and Pull-Down resistors must
be disabled.
8. Pull-up and pull-down resistors are designed with a true resistance in series with a switchable PMOS/NMOS. This
PMOS/NMOS contribution to the series resistance is minimal (~10% order).
Table 70. I/O static characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
MSv37613V1
Tested
in production
CM
OS
requirement
Vih
min
= 0.7xV
DDIOx
Based
on simul
ation
Vih min
= 0.61xV
DDIOx
+0.05
for 1.08
<VDDIO
x<1.62
or 0.49xV
DDIOx
+0.2
6 for
VDDIOx
>1.6
2
Base
d on simulation
Vil max
=0.4
3xVDDIOx
-0.1 for
1.08<V
DDIOx
<1.62
or 0.
39xVD
DIOx
-0.06
for VDDIOx
>1.62
Tested
in production
CMOS
requirement
Vil max
= 0.3xVdd
TTL requirement Vih min = 2V
TTL requirement Vil max = 0.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com