Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433CCU7 Datasheet(PDF) 149 Page - STMicroelectronics

No. de pieza STM32L433CCU7
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CCU7 Datasheet(HTML) 149 Page - STMicroelectronics

Back Button STM32L433CCU7 Datasheet HTML 145Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 146Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 147Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 148Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 149Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 150Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 151Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 152Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 227 page
background image
DS11449 Rev 7
149/19
STM32L433xx
Electrical characteristics
194
GPIOs PC13, PC14 and PC15 are supplied through the power switch, limiting source
capability up to 3 mA only.
In the user application, the number of I/O pins which can drive current must be limited to
respect the absolute maximum rating specified in Section 6.2:
•
The sum of the currents sourced by all the I/Os on VDDIOx, plus the maximum
consumption of the MCU sourced on VDD, cannot exceed the absolute maximum rating
ΣIVDD (see Table 19: Voltage characteristics).
•
The sum of the currents sunk by all the I/Os on VSS, plus the maximum consumption of
the MCU sunk on VSS, cannot exceed the absolute maximum rating ΣIVSS (see
Table 19: Voltage characteristics).
Output voltage levels
Unless otherwise specified, the parameters given in the table below are derived from tests
performed under the ambient temperature and supply voltage conditions summarized in
Table 22: General operating conditions. All I/Os are CMOS- and TTL-compliant (FT OR TT
unless otherwise specified).
Table 71. Output voltage characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
Output low level voltage for an I/O pin
CMOS port(2)
|IIO| = 8 mA(3)
VDDIOx ≥ 2.7 V
-0.4
V
VOH
Output high level voltage for an I/O pin
VDDIOx-0.4
-
VOL(4) Output low level voltage for an I/O pin TTL port(2)
|IIO| = 8 mA(5)
VDDIOx ≥ 2.7 V
-0.4
VOH(4) Output high level voltage for an I/O pin
2.4
-
VOL(4) Output low level voltage for an I/O pin PC13, PC14 and PC15
|IIO| = 3 mA
VDDIOx ≥ 2.7 V
-0.07
VOH(4) Output high level voltage for an I/O pin
VDDIOx-0.35
-
VOL(4) Output low level voltage for an I/O pin |I
IO| = 20 mA
(5)
VDDIOx ≥ 2.7 V
-1.3
VOH(4) Output high level voltage for an I/O pin
VDDIOx-1.3
-
VOL(4) Output low level voltage for an I/O pin |I
IO| = 4 mA
(3)
VDDIOx ≥ 1.62 V
-0.45
VOH(4) Output high level voltage for an I/O pin
VDDIOx-0.45
-
VOL(4) Output low level voltage for an I/O pin |I
IO| = 2 mA
1.62 V ≥ VDDIOx ≥ 1.08 V
-0.35ₓVDDIOx
VOH(4) Output high level voltage for an I/O pin
0.65ₓVDDIOx
-
VOLFM+
(4)
Output low level voltage for an FT I/O
pin in FM+ mode (FT I/O with "f"
option)
|IIO| = 20 mA
VDDIOx ≥ 2.7 V
-0.4
|IIO| = 10 mA
VDDIOx ≥ 1.62 V
-0.4
|IIO| = 2 mA
1.62 V ≥ VDDIOx ≥ 1.08 V
-0.4
1. The IIO current sourced or sunk by the device must always respect the absolute maximum rating specified in Table 19:
Voltage characteristics, and the sum of the currents sourced or sunk by all the I/Os (I/O ports and control pins) must always
respect the absolute maximum ratings ΣIIO.
2. TTL and CMOS outputs are compatible with JEDEC standards JESD36 and JESD52.
3. PC13, PC14 and PC15 are tested/characterized at their maximum current of 3 mA.
4. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com