Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433CCU7 Datasheet(PDF) 169 Page - STMicroelectronics

No. de pieza STM32L433CCU7
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CCU7 Datasheet(HTML) 169 Page - STMicroelectronics

Back Button STM32L433CCU7 Datasheet HTML 165Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 166Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 167Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 168Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 169Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 170Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 171Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 172Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 173Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 227 page
background image
DS11449 Rev 7
169/19
STM32L433xx
Electrical characteristics
194
Figure 33. 12-bit buffered / non-buffered DAC
1. The DAC integrates an output buffer that can be used to reduce the output impedance and to drive external loads directly
without the use of an external operational amplifier. The buffer can be bypassed by configuring the BOFFx bit in the
DAC_CR register.
IDDV(DAC)
DAC consumption from
VREF+
DAC output
buffer ON
No load, middle
code (0x800)
-
185
240
µA
No load, worst code
(0xF1C)
-
340
400
DAC output
buffer OFF
No load, middle
code (0x800)
-
155
205
Sample and hold mode, buffer ON,
CSH = 100 nF, worst case
-
185 ₓ
Ton/(Ton
+Toff)
(4)
400 ₓ
Ton/(Ton
+Toff)
(4)
Sample and hold mode, buffer OFF,
CSH = 100 nF, worst case
-
155 ₓ
Ton/(Ton
+Toff)
(4)
205 ₓ
Ton/(Ton
+Toff)
(4)
1. Guaranteed by design.
2. In buffered mode, the output can overshoot above the final value for low input code (starting from min value).
3. Refer to Table 70: I/O static characteristics.
4. Ton is the Refresh phase duration. Toff is the Hold phase duration. Refer to RM0394 reference manual for more details.
Table 82. DAC characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
(1)
Buffer
12-bit
digital to
analog
converter
Buffered/non-buffered DAC
DACx_OUT
RLOAD
CLOAD
ai17157d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com