Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433CCU7 Datasheet(PDF) 172 Page - STMicroelectronics

No. de pieza STM32L433CCU7
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CCU7 Datasheet(HTML) 172 Page - STMicroelectronics

Back Button STM32L433CCU7 Datasheet HTML 168Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 169Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 170Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 171Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 172Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 173Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 174Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 175Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 227 page
background image
Electrical characteristics
STM32L433xx
172/19
DS11449 Rev 7
6.3.20
Voltage reference buffer characteristics
Table 84. VREFBUF characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply
voltage
Normal mode
VRS = 0
2.4
-
3.6
V
VRS = 1
2.8
-
3.6
Degraded mode(2)
VRS = 0
1.65
-
2.4
VRS = 1
1.65
-
2.8
VREFBUF_
OUT
Voltage
reference
output
Normal mode
VRS = 0
2.046(3)
2.048
2.049(3)
VRS = 1
2.498(3)
2.5
2.502(3)
Degraded mode(2)
VRS = 0
VDDA-150 mV
-
VDDA
VRS = 1
VDDA-150 mV
-
VDDA
TRIM
Trim step
resolution
--
-
±0.05
±0.1
%
CL
Load capacitor
-
-
0.5
1
1.5
µF
esr
Equivalent
Serial Resistor
of Cload
--
-
-
2
Ω
Iload
Static load
current
--
-
-
4
mA
Iline_reg
Line regulation 2.8 V ≤ VDDA ≤ 3.6 V
Iload = 500 µA
-
200
1000
ppm/V
Iload = 4 mA
-
100
500
Iload_reg
Load
regulation
500 μA ≤ Iload ≤4 mA Normal mode
-
50
500
ppm/mA
TCoeff
Temperature
coefficient
-40 °C < TJ < +125 °C
-
-
Tcoeff_
vrefint +
50
ppm/ °C
0 °C < TJ < +50 °C
-
-
Tcoeff_
vrefint +
50
PSRR
Power supply
rejection
DC
40
60
-
dB
100 kHz
25
40
-
tSTART
Start-up time
CL = 0.5 µF(4)
-
300
350
µs
CL = 1.1 µF(4)
-
500
650
CL = 1.5 µF(4)
-
650
800
IINRUSH
Control of
maximum DC
current drive
on VREFBUF_
OUT during
start-up phase
(5)
--
-
8
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com