Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433CCU7 Datasheet(PDF) 175 Page - STMicroelectronics

No. de pieza STM32L433CCU7
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CCU7 Datasheet(HTML) 175 Page - STMicroelectronics

Back Button STM32L433CCU7 Datasheet HTML 171Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 172Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 173Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 174Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 175Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 176Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 177Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 178Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 227 page
background image
DS11449 Rev 7
175/19
STM32L433xx
Electrical characteristics
194
6.3.22
Operational amplifiers characteristics
IDDA(COMP)
Comparator consumption
from VDDA
Ultra-low-
power mode
Static
-
400
600
nA
With 50 kHz
±100 mV overdrive
square signal
-1200-
Medium mode
Static
-
5
7
µA
With 50 kHz
±100 mV overdrive
square signal
-6
-
High-speed
mode
Static
-
70
100
With 50 kHz
±100 mV overdrive
square signal
-75-
Ibias
Comparator input bias
current
--
-
-(4)
nA
1. Guaranteed by design, unless otherwise specified.
2. Refer to Table 25: Embedded internal voltage reference.
3. Guaranteed by characterization results.
4. Mostly I/O leakage when used in analog mode. Refer to Ilkg parameter in Table 70: I/O static characteristics.
Table 85. COMP characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 86. OPAMP characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply
voltage(2)
-1.8
-
3.6
V
CMIR
Common mode
input range
-0
-
VDDA
V
VIOFFSET
Input offset
voltage
25 °C, No Load on output.
-
-
±1.5
mV
All voltage/Temp.
-
-
±3
∆VIOFFSET
Input offset
voltage drift
Normal mode
-
±5
-
μV/°C
Low-power mode
-
±10
-
TRIMOFFSETP
TRIMLPOFFSETP
Offset trim step
at low common
input voltage
(0.1 ₓ VDDA)
--
0.8
1.1
mV
TRIMOFFSETN
TRIMLPOFFSETN
Offset trim step
at high common
input voltage
(0.9 ₓ VDDA)
--
1
1.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com