Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433CCU7 Datasheet(PDF) 192 Page - STMicroelectronics

No. de pieza STM32L433CCU7
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CCU7 Datasheet(HTML) 192 Page - STMicroelectronics

Back Button STM32L433CCU7 Datasheet HTML 188Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 189Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 190Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 191Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 192Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 193Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 194Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 195Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 196Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 227 page
background image
Electrical characteristics
STM32L433xx
192/19
DS11449 Rev 7
Figure 41. SDIO high-speed mode
CMD, D outputs (referenced to CK) in SD default mode
tOVD
Output valid default time SD
fPP = 50 MHz
-
2
3
ns
tOHD
Output hold default time SD
fPP = 50 MHz
0
-
-
ns
1. Guaranteed by characterization results.
Table 100. eMMC dynamic characteristics, VDD = 1.71 V to 1.9 V(1)(2)
1. Guaranteed by characterization results.
2. CLOAD = 20pF.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPP
Clock frequency in data transfer mode
-
0
-
50
MHz
-
SDIO_CK/fPCLK2 frequency ratio
-
-
-
4/3
-
tW(CKL)
Clock low time
fPP = 50 MHz
8
10
-
ns
tW(CKH)
Clock high time
fPP = 50 MHz
8
10
-
ns
CMD, D inputs (referenced to CK) in eMMC mode
tISU
Input setup time HS
fPP = 50 MHz
0
-
-
ns
tIH
Input hold time HS
fPP = 50 MHz
1.5
-
-
ns
CMD, D outputs (referenced to CK) in eMMC mode
tOV
Output valid time HS
fPP = 50 MHz
-
13.5
15
ns
tOH
Output hold time HS
fPP = 50 MHz
9
-
-
ns
Table 99. SD / MMC dynamic characteristics, VDD=2.7 V to 3.6 V(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com