Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433CCU7 Datasheet(PDF) 194 Page - STMicroelectronics

No. de pieza STM32L433CCU7
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CCU7 Datasheet(HTML) 194 Page - STMicroelectronics

Back Button STM32L433CCU7 Datasheet HTML 190Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 191Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 192Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 193Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 194Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 195Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 196Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 197Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 198Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 227 page
background image
Electrical characteristics
STM32L433xx
194/19
DS11449 Rev 7
SWPMI characteristics
The Single Wire Protocol Master Interface (SWPMI) and the associated SWPMI_IO
transceiver are compliant with the ETSI TS 102 613 technical specification.
Table 102. SWPMI electrical characteristics
Symbol
Parameter
Conditions
Min
Typ Max Unit
tSWPSTART SWPMI regulator startup time
SWP Class B
2.7 V ≤ VDD ≤ 3,3V
-
-
300
μs
tSWPBIT
SWP bit duration
VCORE voltage range 1
500
-
-
ns
VCORE voltage range 2
620
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com