| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L433VCU6P Datasheet(PDF) 89 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L433VCU6P Datasheet(HTML) 89 Page - STMicroelectronics |
|
89 / 227 page ![]() DS11449 Rev 7 89/227 STM32L433xx Memory mapping 89 APB1 0x4000 3400 - 0x4000 37FF 1 KB Reserved 0x4000 3000 - 0x4000 33FF 1 KB IWDG 0x4000 2C00 - 0x4000 2FFF 1 KB WWDG 0x4000 2800 - 0x4000 2BFF 1 KB RTC 0x4000 2400 - 0x4000 27FF 1 KB LCD 0x4000 1800 - 0x4000 23FF 3 KB Reserved 0x4000 1400 - 0x4000 17FF 1 KB TIM7 0x4000 1000 - 0x4000 13FF 1 KB TIM6 0x4000 0400- 0x4000 0FFF 3 KB Reserved 0x4000 0000 - 0x4000 03FF 1 KB TIM2 1. The gray color is used for reserved boundary addresses. Table 18. STM32L433xx memory map and peripheral register boundary addresses(1) (continued) Bus Boundary address Size(bytes) Peripheral |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |