Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-31PE-059 Datasheet(PDF) 156 Page - TE Connectivity Ltd

No. de pieza HD36-24-31PE-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-31PE-059 Datasheet(HTML) 156 Page - TE Connectivity Ltd

Back Button HD36-24-31PE-059 Datasheet HTML 152Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 153Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 154Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 155Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 156Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 157Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 158Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 159Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 160Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 156
DEUTSCH MODIFICATION LIST
MOD #
SERIES
DESCRIPTION
LE05
DT
Sealed flange, inside mount, gasket, end cap
LE06
DT
Sealed flange, inside mount, reduced diameter seals (E seal), end cap
LE07
DT, DTP
Welded flange, end cap
LE08
DT
Welded flange, shrink boot adapter, gray
LE09
DT
Sealed flange, o-ring, end cap, black
LE10
DT
Sealed flange, inside mount, gasket, end cap, black
LE11
DT
Welded flange, end cap, black
LE12
DT
Welded flange, shrink boot adapter, black
LE13
DT
Special adapter, round housing, end cap
LE14
DT
Welded flange, black
LE17
DT
Receptacle with extended shell and enhanced keys (B016), sealed flange, gasket sold separately, end cap, black
LE21
DT
Receptacle with extended shell and enhanced keys (B016), sealed flange, reduced diameter seals (E seal), end cap, one piece connector
design, threaded stainless steel flange inserts
N
N005
HD10
Receptacle with molded-in PCB pins, modified shell
N006
DT
Receptacle with 90° molded-in contacts
N012
DRC
Receptacle, one piece connector design
P
P005
AEC
Special oversized seal on AEC Series plugs and dust caps
P006
DT, DTM
120 ohm terminating resistor (J1939)
P007
DT, DTM
Receptacle “Y” connector (J1939)
P012
DT
Plug with enhanced seal retention, 2-6 way are black, 8 and 12 way “A” key is gray, “B” key is black, “C” key is green, “D” key is brown
P013
DRC
Plug with bonded front seal, silicone adhesive
P016
DT
Bussed receptacle, 12 way, gold plated contacts
P017
DRC
Stainless steel retention clip for jackscrew
P018
DTP
Receptacle with 12 AWG wires attached
P019
DRC
Zinc chromate retention clip for jackscrew
P021
DT
Bussed receptacle, 6, 8, and 12 way, one buss, nickel plated pins
P026
DT
Bussed receptacle, 8 and 12 way, two busses, nickel plated pins
P027
DT
Bussed receptacle, 12 way, two busses, gold plated pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com