Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-31PE-059 Datasheet(PDF) 157 Page - TE Connectivity Ltd

No. de pieza HD36-24-31PE-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-31PE-059 Datasheet(HTML) 157 Page - TE Connectivity Ltd

Back Button HD36-24-31PE-059 Datasheet HTML 153Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 154Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 155Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 156Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 157Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 158Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 159Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 160Page - TE Connectivity Ltd HD36-24-31PE-059 Datasheet HTML 161Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 157
DEUTSCH MODIFICATION LIST
MOD #
SERIES
DESCRIPTION
P028
DT
Bussed receptacle, 8 way, two busses, nickel plated pins
P030
DT
Bussed receptacle, 12 way, four busses, nickel plated pins
P031
DT
Bussed receptacle, 12 way, four busses, gold plated pins
P032
DT
Integrated shrink boot adapter (J1939), black
P060
DT
Bussed receptacle, 2 way, one buss, nickel plated pins
P064
HD30,
HDP20
24-91 arrangement without internal jumper
P075
DT
Bussed receptacle, 12 way, three busses, nickel plated pins
P080
HD10
J1939 Type II, green
PE
PE01
DT
Latch guard, 120 ohm terminating resistor (J1939)
PP
PP01
DT
Plug with enhanced seal retention (P012), 120 ohm terminating resistor (J1939), end cap, black
R
R004
DTM13
Custom enclosure header, 90° pins
R005
DTM13
Custom flange, 90° pins
R008
DTM13
(EEC head-
ers)
Snap-in DTM PCB mounted header for DTM EEC enclosure, 12 and 24 pins
R015
DT13
(EEC head-
ers)
Snap-in DT PCB mounted header for DT EEC enclosure, 12, 24, 36, and 48 pins
RT
RT01
DT
Receptacle with MUR 460 diode
RT02
DT
Receptacle with 1N5625GP diode
RT03
DT
Receptacle with MUR 460 diode, 4 way available
RT06
DT
Receptacle with Phillips T.V.S diode 1.5KE130CA, green
RT25
DT
Receptacle with 27k ohm resistor, black



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com