Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-31PT-059 Datasheet(PDF) 20 Page - TE Connectivity Ltd

No. de pieza HD36-24-31PT-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-31PT-059 Datasheet(HTML) 20 Page - TE Connectivity Ltd

Back Button HD36-24-31PT-059 Datasheet HTML 16Page - TE Connectivity Ltd HD36-24-31PT-059 Datasheet HTML 17Page - TE Connectivity Ltd HD36-24-31PT-059 Datasheet HTML 18Page - TE Connectivity Ltd HD36-24-31PT-059 Datasheet HTML 19Page - TE Connectivity Ltd HD36-24-31PT-059 Datasheet HTML 20Page - TE Connectivity Ltd HD36-24-31PT-059 Datasheet HTML 21Page - TE Connectivity Ltd HD36-24-31PT-059 Datasheet HTML 22Page - TE Connectivity Ltd HD36-24-31PT-059 Datasheet HTML 23Page - TE Connectivity Ltd HD36-24-31PT-059 Datasheet HTML 24Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 20
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
16
Recept., DT, 2 way, gray, reduced dia. seals, shrink boot adapter
DT04-2P-CE04
W2P
16
Recept., DT, 2 way, black, reduced dia. seals, shrink boot adapter
DT04-2P-CE09
W2P
16
Recept., DT, 2 way, gray, end cap
DT04-2P-E003
W2P
16
Recept., DT, 2 way, black
DT04-2P-E004
W2P
16
Recept., DT, 2 way, black, end cap
DT04-2P-E005
W2P
16
Recept., DT, 2 way, gray, shrink boot adapter
DT04-2P-E008
W2P
16
Recept., DT, 2 way, gray, welded flange
DT04-2P-L012
W2P
16
Recept., DT, 2 way, black, 90° molded pins, feed-thru
DT04-2P-N006
N/A
16
Recept., DT, 2 way, black, (1) 2 pin buss, nickel contacts
DT04-2P-P060
Included
16
Recept., DT, 2 way, black, snap-in design, molded pins, wire leads with crimped terminals
DT04-2P-RL01
N/A
16
Recept., DT, 2 way, black, molded-in diode (MUR460)
DT04-2P-RT01
N/A
16
Recept., DT, 2 way, black, molded-in diode (1N5625GP)
DT04-2P-RT02
N/A
16
Recept., DT, 2 way, green, molded-in diode
DT04-2P-RT06
N/A
16
Recept., DT, 2 way, black, molded-in resistor
DT04-2P-RT25
N/A
16
Plug, DT, 2 way, gray
DT06-2S
W2S
16
Plug, DT, 2 way, gray, reduced dia. seals
DT06-2S-C015
W2S
16
Plug, DT, 2 way, gray, solid rear grommet
DT06-2S-C017
Included
16
Plug, DT, 2 way, gray, reduced dia. seals, end cap
DT06-2S-CE01
W2S
16
Plug, DT, 2 way, gray, reduced dia. seals, shrink boot adapter
DT06-2S-CE04
W2S
16
Plug, DT, 2 way, black, enhanced seal ret., reduced dia. seals, end cap
DT06-2S-CE05
W2S-P012
16
Plug, DT, 2 way, black, enhanced seal ret., reduced dia. seals
DT06-2S-CE06
W2S-P012
16
Plug, DT, 2 way, black, enhanced seal ret., reduced dia. seals, shrink boot adapter
DT06-2S-CE13
W2S-P012
16
Plug, DT, 2 way, gray, end cap
DT06-2S-E003
W2S
16
Plug, DT, 2 way, black
DT06-2S-E004
W2S
16
Plug, DT, 2 way, black, end cap
DT06-2S-E005
W2S
16
Plug, DT, 2 way, gray, shrink boot adapter
DT06-2S-E008
W2S
16
Plug, DT, 2 way, gray, fluorosilicone seal, end cap
DT06-2S-EF01
W2S
16
Plug, DT, 2 way, black, enhanced seal ret., end cap
DT06-2S-EP06
W2S-P012
16
Plug, DT, 2 way, black, enhanced seal ret., shrink boot adapter
DT06-2S-EP11
W2S-P012
16
Plug, DT, 2 way, black, enhanced seal ret., fluorosilicone, end cap
DT06-2S-FP02
W2S-P012
16
Plug, DT, 2 way, black, enhanced seal ret., reduced dia. seals, DIN backshell adapter
DT06-2S-LC01
W2S-P012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com