Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-31PT-059 Datasheet(PDF) 63 Page - TE Connectivity Ltd

No. de pieza HD36-24-31PT-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-31PT-059 Datasheet(HTML) 63 Page - TE Connectivity Ltd

Back Button HD36-24-31PT-059 Datasheet HTML 59Page - TE Connectivity Ltd HD36-24-31PT-059 Datasheet HTML 60Page - TE Connectivity Ltd HD36-24-31PT-059 Datasheet HTML 61Page - TE Connectivity Ltd HD36-24-31PT-059 Datasheet HTML 62Page - TE Connectivity Ltd HD36-24-31PT-059 Datasheet HTML 63Page - TE Connectivity Ltd HD36-24-31PT-059 Datasheet HTML 64Page - TE Connectivity Ltd HD36-24-31PT-059 Datasheet HTML 65Page - TE Connectivity Ltd HD36-24-31PT-059 Datasheet HTML 66Page - TE Connectivity Ltd HD36-24-31PT-059 Datasheet HTML 67Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 63
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
HD30 Series
12
Recept., HD30, 24 shell, 16 way, E seal
HD34-24-16PE
N/A
12
Recept., HD30, 24 shell, 16 way, E seal, cable clamp
HD34-24-16PE-059
N/A
12
Recept., HD30, 24 shell, 16 way, E seal, adapter
HD34-24-16PE-072
N/A
12
Recept., HD30, 24 shell, 16 way, N seal
HD34-24-16PN
N/A
12
Recept., HD30, 24 shell, 16 way, N seal, cable clamp
HD34-24-16PN-059
N/A
12
Recept., HD30, 24 shell, 16 way, N seal, adapter
HD34-24-16PN-072
N/A
12
Recept., HD30, 24 shell, 16 way, N seal, reverse
HD34-24-16SN
N/A
12
Recept., HD30, 24 shell, 16 way, N seal, reverse, cable clamp
HD34-24-16SN-059
N/A
12
Recept., HD30, 24 shell, 16 way, N seal, reverse, adapter
HD34-24-16SN-072
N/A
12
Plug, HD30, 24 shell, 16 way, N seal, reverse
HD36-24-16PN
N/A
12
Plug, HD30, 24 shell, 16 way, N seal, reverse, cable clamp
HD36-24-16PN-059
N/A
12
Plug, HD30, 24 shell, 16 way, N seal, reverse, adapter
HD36-24-16PN-072
N/A
12
Plug, HD30, 24 shell, 16 way, E seal
HD36-24-16SE
N/A
12
Plug, HD30, 24 shell, 16 way, E seal, cable clamp
HD36-24-16SE-059
N/A
12
Plug, HD30, 24 shell, 16 way, E seal, adapter
HD36-24-16SE-072
N/A
12
Plug, HD30, 24 shell, 16 way, N seal
HD36-24-16SN
N/A
12
Plug, HD30, 24 shell, 16 way, N seal, cable clamp
HD36-24-16SN-059
N/A
12
Plug, HD30, 24 shell, 16 way, N seal, adapter
HD36-24-16SN-072
N/A
HDB Series
12
Plug, HDB30, 24 shell, 16 way, N seal, reverse, breakaway
HDB36-24-16PN
N/A
12
Plug, HDB30, 24 shell, 16 way, N seal, reverse, breakaway, cable clamp
HDB36-24-16PN-059
N/A
12
Plug, HDB30, 24 shell, 16 way, N seal, breakaway
HDB36-24-16SN
N/A
12
Plug, HDB30, 24 shell, 16 way, N seal, breakaway, cable clamp
HDB36-24-16SN-059
N/A
HDP20 Series
12
Recept., HDP20, 24 shell, 16 way, black, E seal
HDP24-24-16PE
N/A
12
Recept., HDP20, 24 shell, 16 way, black, E seal, threaded adapter
HDP24-24-16PE-L015
N/A
12
Recept., HDP20, 24 shell, 16 way, black, E seal, ring adapter
HDP24-24-16PE-L017
N/A
12
Recept., HDP20, 24 shell, 16 way, black, N seal
HDP24-24-16PN
N/A
12
Recept., HDP20, 24 shell, 16 way, black, N seal, threaded adapter
HDP24-24-16PN-L015
N/A
12
Recept., HDP20, 24 shell, 16 way, black, N seal, ring adapter
HDP24-24-16PN-L017
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com