Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-31PT-059 Datasheet(PDF) 72 Page - TE Connectivity Ltd

No. de pieza HD36-24-31PT-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-31PT-059 Datasheet(HTML) 72 Page - TE Connectivity Ltd

Back Button HD36-24-31PT-059 Datasheet HTML 68Page - TE Connectivity Ltd HD36-24-31PT-059 Datasheet HTML 69Page - TE Connectivity Ltd HD36-24-31PT-059 Datasheet HTML 70Page - TE Connectivity Ltd HD36-24-31PT-059 Datasheet HTML 71Page - TE Connectivity Ltd HD36-24-31PT-059 Datasheet HTML 72Page - TE Connectivity Ltd HD36-24-31PT-059 Datasheet HTML 73Page - TE Connectivity Ltd HD36-24-31PT-059 Datasheet HTML 74Page - TE Connectivity Ltd HD36-24-31PT-059 Datasheet HTML 75Page - TE Connectivity Ltd HD36-24-31PT-059 Datasheet HTML 76Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 72
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
17 sz. 16, 4 sz. 12
Recept., HD30, 24 shell, 21 way, N seal, cable clamp
HD34-24-21PN-059
N/A
17 sz. 16, 4 sz. 12
Recept., HD30, 24 shell, 21 way, N seal, adapter
HD34-24-21PN-072
N/A
17 sz. 16, 4 sz. 12
Recept., HD30, 24 shell, 21 way, E seal, reverse
HD34-24-21SE
N/A
17 sz. 16, 4 sz. 12
Recept., HD30, 24 shell, 21 way, E seal, reverse, cable clamp
HD34-24-21SE-059
N/A
17 sz. 16, 4 sz. 12
Recept., HD30, 24 shell, 21 way, E seal, reverse, adapter
HD34-24-21SE-072
N/A
17 sz. 16, 4 sz. 12
Recept., HD30, 24 shell, 21 way, N seal, reverse
HD34-24-21SN
N/A
17 sz. 16, 4 sz. 12
Recept., HD30, 24 shell, 21 way, N seal, reverse, cable clamp
HD34-24-21SN-059
N/A
17 sz. 16, 4 sz. 12
Recept., HD30, 24 shell, 21 way, N seal, reverse, adapter
HD34-24-21SN-072
N/A
20
Plug, HD30, 18 shell, 21 way, N seal, reverse
HD36-18-21PN
N/A
20
Plug, HD30, 18 shell, 21 way, N seal, reverse, cable clamp
HD36-18-21PN-059
N/A
20
Plug, HD30, 18 shell, 21 way, N seal, reverse, adapter
HD36-18-21PN-072
N/A
20
Plug, HD30, 18 shell, 21 way, N seal
HD36-18-21SN
N/A
20
Plug, HD30, 18 shell, 21 way, N seal, cable clamp
HD36-18-21SN-059
N/A
20
Plug, HD30, 18 shell, 21 way, N seal, adapter
HD36-18-21SN-072
N/A
17 sz. 16, 4 sz. 12
Plug, HD30, 24 shell, 21 way, E seal, reverse
HD36-24-21PE
N/A
17 sz. 16, 4 sz. 12
Plug, HD30, 24 shell, 21 way, E seal, reverse, cable clamp
HD36-24-21PE-059
N/A
17 sz. 16, 4 sz. 12
Plug, HD30, 24 shell, 21 way, E seal, reverse, adapter
HD36-24-21PE-072
N/A
17 sz. 16, 4 sz. 12
Plug, HD30, 24 shell, 21 way, N seal, reverse
HD36-24-21PN
N/A
17 sz. 16, 4 sz. 12
Plug, HD30, 24 shell, 21 way, N seal, reverse, cable clamp
HD36-24-21PN-059
N/A
17 sz. 16, 4 sz. 12
Plug, HD30, 24 shell, 21 way, N seal, reverse, adapter
HD36-24-21PN-072
N/A
17 sz. 16, 4 sz. 12
Plug, HD30, 24 shell, 21 way, E seal
HD36-24-21SE
N/A
17 sz. 16, 4 sz. 12
Plug, HD30, 24 shell, 21 way, E seal, cable clamp
HD36-24-21SE-059
N/A
17 sz. 16, 4 sz. 12
Plug, HD30, 24 shell, 21 way, E seal, adapter
HD36-24-21SE-072
N/A
17 sz. 16, 4 sz. 12
Plug, HD30, 24 shell, 21 way, N seal
HD36-24-21SN
N/A
17 sz. 16, 4 sz. 12
Plug, HD30, 24 shell, 21 way, N seal, cable clamp
HD36-24-21SN-059
N/A
17 sz. 16, 4 sz. 12
Plug, HD30, 24 shell, 21 way, N seal, adapter
HD36-24-21SN-072
N/A
HDB Series
20
Plug, HDB30, 18 shell, 21 way, N seal, breakaway
HDB36-18-21SN
N/A
20
Plug, HDB30, 18 shell, 21 way, N seal, breakaway, cable clamp
HDB36-18-21SN-059
N/A
17 sz. 16, 4 sz. 12
Plug, HDB30, 24 shell, 21 way, N seal, reverse, breakaway
HDB36-24-21PN
N/A
17 sz. 16, 4 sz. 12
Plug, HDB30, 24 shell, 21 way, N seal, reverse, breakaway, cable clamp
HDB36-24-21PN-059
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com