Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-31PT-059 Datasheet(PDF) 121 Page - TE Connectivity Ltd

No. de pieza HD36-24-31PT-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-31PT-059 Datasheet(HTML) 121 Page - TE Connectivity Ltd

Back Button HD36-24-31PT-059 Datasheet HTML 117Page - TE Connectivity Ltd HD36-24-31PT-059 Datasheet HTML 118Page - TE Connectivity Ltd HD36-24-31PT-059 Datasheet HTML 119Page - TE Connectivity Ltd HD36-24-31PT-059 Datasheet HTML 120Page - TE Connectivity Ltd HD36-24-31PT-059 Datasheet HTML 121Page - TE Connectivity Ltd HD36-24-31PT-059 Datasheet HTML 122Page - TE Connectivity Ltd HD36-24-31PT-059 Datasheet HTML 123Page - TE Connectivity Ltd HD36-24-31PT-059 Datasheet HTML 124Page - TE Connectivity Ltd HD36-24-31PT-059 Datasheet HTML 125Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 121
CONNECTOR ACCESSORIES
PART DESCRIPTION
PART NUMBER
Mounting ring, Circular DIN, pin housing, black
965687-1
DT/DTM/DTP Series
Mounting clip, DT, DTM, DTP, 2, 3, 4, 6, 12 way, plastic
1011-026-0205
Mounting clip, DT, DTM, DTP, 2, 3, 4, 6, 12 way, plastic, black
1011-030-0205
Mounting clip, DT, DTM, DTP, 2, 3, 4, 6, 12 way, plastic, black, fir tree stud mount, connector removable >50N
1011-310-0205
Mounting clip, DT, DTM, DTP, 2, 3, 4, 6, 12 way, stainless steel, .433 [11.00 mm] dia. hole
1027-003-1200
Mounting clip, DT, DTM, DTP, 2, 3, 4, 6, 12 way, steel, zinc plating, .512 [13.00 mm] dia. hole
1027-004-1200
Mounting clip, DT, DTM, DTP, 2, 3, 4, 6, 12 way, stainless steel, .512 [13.00 mm] dia. hole
1027-005-1200
Mounting clip, DT, DTM, DTP, 2, 3, 4, 6, 12 way, steel, zinc plating, .433 [11.00 mm] dia. hole
1027-008-1200
Mounting clip, DT, DTM, DTP, 2, 3, 4, 6, 12 way, steel, zinc plating, .323 [8.20 mm] dia. hole
1027-017-1200
Mounting clip, DT, 8 way, plastic
1011-027-0805
Mounting clip, DT, 8 way, stainless steel, .433 [11.00 mm] dia. hole
1027-001-0800
Mounting clip, DT, 8 way, steel, zinc plating, .512 [13.00 mm] dia. hole
1027-002-0800
Mounting clip, DT, 8 way, stainless steel, .512 [13.00 mm] dia. hole
1027-006-0800
Mounting clip, DT, 8 way, steel, zinc plating, .323 [8.20 mm] dia. hole
1027-014-0800
HD30/HDP20 Series
Lockwasher, 18 shell, HD30
114021
Lockwasher, 18 shell, HDP20, curved
2414-002-1886
Lockwasher, 24 shell, HD30
112264
Lockwasher, 24 shell, HDP20, curved
2414-001-2486
Panel nut, 18 shell, HD30, metal
114020-90
Panel nut, 18 shell, HDP20, plastic
2411-002-1805
Panel nut, 24 shell, HD30, metal
112263-90
Panel nut, 24 shell, HDP20, plastic
2411-001-2405
HDSCS
Fixing slide, HDSCS, group A, 3.5 mm, gray
1703838-6
Fixing slide, HDSCS, group A, 3.0 mm, yellow
1703838-1
Fixing slide, HDSCS, group A, 2.5 mm, red
1703838-2
Fixing slide, HDSCS, group B, 3.5 mm, gray
1703810-6
Fixing slide, HDSCS, group B, 3.0 mm, yellow
1703810-1
Fixing slide, HDSCS, group B, 2.5 mm, red
1703810-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com